Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2131 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC2131
Description  Low-Jitter I2C/SPI Programmable Dual LVDS-CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2131 Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC2131 Datasheet HTML 1Page - Micrel Semiconductor DSC2131 Datasheet HTML 2Page - Micrel Semiconductor DSC2131 Datasheet HTML 3Page - Micrel Semiconductor DSC2131 Datasheet HTML 4Page - Micrel Semiconductor DSC2131 Datasheet HTML 5Page - Micrel Semiconductor DSC2131 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
______________________________________________________________________________________________________________________________________________
DSC2131 DSC2231
Page 3
MK-Q-B-P-D-12050107
DSC2131
Low-Jitter I2C/SPI Programmable Dual LVDS-CMOS
DSC2231
Output Clock Frequencies
Table 1 lists the standard default frequency configurations and the associated ordering information
to be used in conjunction with the ordering code. Customer defined combinations are available.
Table 1. Pre-programmed pin-selectable output frequency pairs
Ordering
Info
Freq
(MHz)
Select Bit [FS] – Default is [1]
0
1
J0001
fOUT1
148.5
74.25
fOUT2
74.25
74.25
JXXXX
fOUT1
Contact factory for additional
configurations.
fOUT2
Frequency select bit are weakly tied high so if left unconnected the default setting will be [1] and
the device will output the associated frequency highlighted in Bold.
Absolute Maximum Ratings
Item
Min
Max
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
VDD+0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40sec max.
ESD
HBM
MM
CDM
-
4000
400
1500
V
Note: 1000+ years of data retention on internal memory
Ordering Code
DSC2
xxxxx
Freq (MHz)
See Freq. table
-
Packing
T: Tape & Reel
: Tube
F I 2
Package
F: 3.2x2.5mm
Temp Range
E: -20 to 70
I: -40 to 85
Stability
1: ±50ppm
2: ±25ppm
T
31
1
Prog Mode
1: I2C bus
2: SPI bus



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com