Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC210 Datasheet(PDF) 4 Page - Texas Instruments

Part # TC210
Description  192- x 165-PIXEL CCD IMAGE SENSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC210 Datasheet(HTML) 4 Page - Texas Instruments

  TC210 Datasheet HTML 1Page - Texas Instruments TC210 Datasheet HTML 2Page - Texas Instruments TC210 Datasheet HTML 3Page - Texas Instruments TC210 Datasheet HTML 4Page - Texas Instruments TC210 Datasheet HTML 5Page - Texas Instruments TC210 Datasheet HTML 6Page - Texas Instruments TC210 Datasheet HTML 7Page - Texas Instruments TC210 Datasheet HTML 8Page - Texas Instruments TC210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TC210
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS009B – OCTOBER 1986 – REVISED MAY 1990
2-6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SRG
IAG
ABG
Integration
Readout
165 Cycles
210 Cycles
t4
t1
t2
t3
SRG
IAG
tw1
tw2
Figure 2. Timing Diagram, Noninterlace Mode
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range for ADB (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range for IAG, SRG, ABG, VI
–15 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com