Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC210 Datasheet(PDF) 10 Page - Texas Instruments

Part # TC210
Description  192- x 165-PIXEL CCD IMAGE SENSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC210 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TC210 Datasheet HTML 5Page - Texas Instruments TC210 Datasheet HTML 6Page - Texas Instruments TC210 Datasheet HTML 7Page - Texas Instruments TC210 Datasheet HTML 8Page - Texas Instruments TC210 Datasheet HTML 9Page - Texas Instruments TC210 Datasheet HTML 10Page - Texas Instruments TC210 Datasheet HTML 11Page - Texas Instruments TC210 Datasheet HTML 12Page - Texas Instruments TC210 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TC210
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS009B – OCTOBER 1986 – REVISED MAY 1990
2-12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
IALVL
I/N
IAIN
ABIN
MIDSEL
SAIN
PD
GND
VABG+
VSS
VSS
IASR
ABSR
VCC
ABLVL
IAOUT
ABOUT
SAOUT
VCC
VABG–
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TMS3473B
SEL0OUT
GND
PD
SRG3IN
SRG2IN
SRG1IN
TRGIN
NC
SEL1OUT
VSS
VSS
SEL0
NC
VCC
SRG3OUT
SRG2OUT
SRG1OUT
TRGOUT
VCC
SEL1
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SN28846
IALVL1
VCC
ABLVL
VABG–
VABG+
IAG
ABG
GT1
S/H
SRG
S/H
CLK
CMP
CBNK
CSYNC
TRIG
User-Defined Timer
VCC
GND
CK
GND
1
7
14
8
Master Oscillator
VCC
VSS
VCC
V
47 k
Ω
22 k
Ω
ABG
VSS
ADB
IAG
SRG
OUT
ADB
1
2
3
6
5
4
ADB
3
2
7
6
4
VDD
ADB
EL2020
2N3904
1 k
Ω
500
ADB
2.2 k
Ω
5 k
Ω
ANLG VCC
ANLG IN
ANLG GND
ANLG OUT
1
2
3
4
DGTL VCC
DGTL IN
DGTL GND
SUB GND
8
7
6
5
VCC
S/H
TL1591
TC210
OUT
Parallel Driver
Serial Driver
Image Sensor
Sample-and-Hold
ADB
VCC
VSS
V
ABLVL
IALVL
VABG +
VABG –
12 V
5 V
– 10 V
2 V
– 2.5 V
–5 V
4 V
–6 V
DC VOLTAGES
SUPPORT CIRCUITS
DEVICE
PACKAGE
APPLICATION
FUNCTION
SN28846DW
20 pin small outline
Serial driver
Driver for SRG
TMS3473BDW
20 pin small outline
Parallel driver
Driver for IAG, ABG
TL1591CPS
8 pin small outline (EIAJ)
Sample and hold
Single-channel sample-and-hold IC
Figure 10. Typical Application Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com