Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4318P Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4318P
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4318P Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4318P Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4318P Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4318P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4318P Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4318P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7.ELECTRICAL CHARACTERISTICS CURVES(Con.)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2
4
6
8
10
ID (A)
VGS=3V
VGS=4V
VGS=5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
Tj,Temperature (
℃)
ID=250uA
RDSon vs.ID
VGSth vs.Tj
LM4318P
Rev :
www.leiditech.com
01.06.2018
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com