Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK2N60P Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FTK2N60P
Description  2 Amps, 600 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2N60P Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FTK2N60P Datasheet HTML 1Page - First Silicon Co., Ltd FTK2N60P Datasheet HTML 2Page - First Silicon Co., Ltd FTK2N60P Datasheet HTML 3Page - First Silicon Co., Ltd FTK2N60P Datasheet HTML 4Page - First Silicon Co., Ltd FTK2N60P Datasheet HTML 5Page - First Silicon Co., Ltd FTK2N60P Datasheet HTML 6Page - First Silicon Co., Ltd FTK2N60P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TYPICAL CHARACTERISTICS(Cont.)
-100
Junction Temperature, TJ( C )
-50
50
200
VGS=10V
ID=250 μA
100
150
1.2
Breakdown Voltage vs Temperature
0
1.1
1.0
0.9
0.8
-100
Junction Temperature, TJ( C )
-50
50
200
VGS=10V
ID=4.05A
100
150
3.0
On-Resistance vs. Temperature
0
2.0
1. 0
0.5
0.0
1.5
2.5
10 1
10 0
10 -2
Drain-Source Voltage, VDS(V)
Max. Safe Operating Area
102
101
100
DC
10 -1
100μs
1ms
103
Operation in This Area
is Limited by RDS(ON)
10ms
TC=25
TJ=125
Single Pulse
Case Temperature, TC(
C )
75
10 0
150
Max. Drain Current vs. Case Temperature
0. 0
125
5
2
0
5
0.5
1.0
1.5
2.0
Square Wave Pulse Duration, t1(s)
Thermal Response (TO-220)
100
10-5
10 0
10-1
10-4
10-3
10-2
10 -1
101
Single Pulse
D=0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
JC (t) = 2 78
/W Max
Duty Factor , D=t1/t2
TJM -TC=PDM× JC (t)
2011. 08. 25
7/7
FTK2N60P / F / D / I
Revision No : A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com