Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733-Q1 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733-Q1
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733-Q1 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP8733-Q1 Datasheet HTML 44Page - Texas Instruments LP8733-Q1 Datasheet HTML 45Page - Texas Instruments LP8733-Q1 Datasheet HTML 46Page - Texas Instruments LP8733-Q1 Datasheet HTML 47Page - Texas Instruments LP8733-Q1 Datasheet HTML 48Page - Texas Instruments LP8733-Q1 Datasheet HTML 49Page - Texas Instruments LP8733-Q1 Datasheet HTML 50Page - Texas Instruments LP8733-Q1 Datasheet HTML 51Page - Texas Instruments LP8733-Q1 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
48
LP8733
SNVSBK2 – SEPTEMBER 2019
www.ti.com
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 17. LDO1_CTRL Register Field Descriptions (continued)
Bits
Field
Type
Default
Description
2
LDO1_RDIS_EN
R/W
1
Enable output discharge resistor (RDIS_LDOx) when the LDO1 is disabled:
0 - Discharge resistor is disabled.
1 - Discharge resistor is enabled.
1
LDO1_EN_PIN
_CTRL
R/W
X
Enable control for the LDO1:
0 - only the LDO1_EN bit controls the LDO1.
1 - LDO1_EN bit and the EN pin control the LDO1.
0
LDO1_EN
R/W
X
Enable the LDO1 regulator:
0 - LDO1 regulator is disabled.
1 - LDO1 regulator is enabled.
7.6.1.11 LDO0_VOUT
LDO0_VOUT is shown in Table 18, Address: 0x0A
Figure 39. LDO0_VOUT Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
LDO0_VSET[4:0]
Table 18. LDO0_VOUT Register Field Descriptions
Bits
Field
Type
Default
Description
7:5
Reserved - do not
use
R/W
000
4:0
LDO0_VSET[4:0]
R/W
X
Sets the output voltage of the LDO0 regulator:
0.8 V - 3.3 V, 100 mV steps
0x00 - 0.8V
...
0x19 - 3.3 V
Reserved; do not use.
0x1A ... 0x1F
7.6.1.12 LDO1_VOUT
LDO1_VOUT is shown in Table 19, Address: 0x0B
Figure 40. LDO1_VOUT Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
LDO1_VSET[4:0]
Table 19. LDO1_VOUT Register Field Descriptions
Bits
Field
Type
Default
Description
7:5
Reserved - do not
use
R/W
000
4:0
LDO1_VSET[4:0]
R/W
X
Sets the output voltage of the LDO1 regulator:
0.8 V - 3.3 V, 100 mV steps
0x00 - 0.8V
...
0x19 - 3.3 V
Reserved; do not use.
0x1A ... 0x1F
7.6.1.13 BUCK0_DELAY
BUCK0_DELAY is shown in Table 20, Address: 0x0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com