Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733-Q1
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8733-Q1 Datasheet HTML 19Page - Texas Instruments LP8733-Q1 Datasheet HTML 20Page - Texas Instruments LP8733-Q1 Datasheet HTML 21Page - Texas Instruments LP8733-Q1 Datasheet HTML 22Page - Texas Instruments LP8733-Q1 Datasheet HTML 23Page - Texas Instruments LP8733-Q1 Datasheet HTML 24Page - Texas Instruments LP8733-Q1 Datasheet HTML 25Page - Texas Instruments LP8733-Q1 Datasheet HTML 26Page - Texas Instruments LP8733-Q1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
23
LP8733
www.ti.com
SNVSBK2 – SEPTEMBER 2019
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
•
Using the BUCKx_EN bit in the BUCKx_CTRL_1 register (the BUCKx_EN_PIN_CTRL bit is 0 in the
BUCKx_CTRL_1 register).
•
Using the EN control pin (the BUCKx_EN bit and the BUCKx_EN_PIN_CTRL bit is 1).
Similarly, there are two ways to enable and disable the LDO regulators:
•
Using the LDOx_EN bit in the LDOx_CTRL register (the LDOx_EN_PIN_CTRL bit is 0 in the LDOx_CTRL
register).
•
Using the EN control pin (the LDOx_EN bit is 1 and the LDOx_EN_PIN_CTRL bit is 1).
If the EN control pin is used for enable and disable, then the following occurs:
•
The delay from the control signal rising edge to start-up is set by the BUCKx_STARTUP_DELAY[3:0] bits in
the BUCKx_DELAY register and the LDOx_STARTUP_DELAY[3:0] bits in the LDOx_DELAY register.
•
The delay from the control signal falling edge to shutdown is set by the BUCKx_SHUTDOWN_DELAY[3:0]
bits in the BUCKx_DELAY register and the LDOx_SHUTDOWN_DELAY[3:0] bits in the LDOx_DELAY
register.
The delays are only valid for the EN signal transitions and not for control with I2C writings to the BUCKx_EN and
the LDOx_EN bits.
The control of the regulator (with 0-ms delays) is shown in Table 3. Dual-phase regulator is controlled with
registers of the master phase.
Table 3. Regulator Control
BUCKx_EN AND
LDOx_EN
BUCKx_EN_PIN_CTRL
AND
LDOx_EN_PIN_CTRL
EN PIN
BUCKx OUTPUT VOLTAGE AND
LDOx OUTPUT VOLTAGE
Enable and disable control
with the BUCKx_EN and
the LDOx_EN bit
0
Don't Care
Don't Care
Disabled
1
0
Don't Care
BUCKx_VSET[7:0] and LDOx_VSET[4:0]
Enable and disable control
with the EN pin
1
1
Low
Disabled
1
1
High
BUCKx_VSET[7:0] and LDOx_VSET[4:0]
The buck regulator is enabled by the EN pin or by I2C writing, as shown in Figure 13. The soft-start circuit limits
the in-rush current during start-up. When the output voltage rises to a 0.35-V level, the output voltage becomes
slew-rate controlled. If there is a short circuit at the output, and the output voltage does not increase above the
0.35-V level in 1 ms or the output voltage drops below 0.35-V level during operation (for minimum of 1 ms), then
the regulator is disabled, and the BUCKx_SC_INT interrupt in the INT_BUCK register is set. When the output
voltage reaches the the Power-Good threshold level, the BUCKx_PG_INT interrupt flag in the INT_BUCK register
is set. The Power-Good interrupt flag, when reaching the valid output voltage, can be masked using the
BUCKx_PGR_MASK bit in the BUCK_MASK register. The Power-Good interrupt flag can also be generated
when the output voltage becomes invalid. The interrupt mask for invalid output voltage detection is set by the
BUCKx_PGF_MASK bit in the BUCK_MASK register. A BUCKx_PG_STAT bit in the BUCK_STAT register
always shows the validity of the output voltage; 1 means valid and 0 means invalid output voltage. A
PGOOD_WINDOW_BUCK bit in the PGOOD_CTRL_1 register sets the detection method for the valid buck
output voltage, either under-voltage detection, or under-voltage and over-voltage detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com