Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C453EBAA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P87C453EBAA
Description  CMOS single-chip 8-bit microcontrollers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C453EBAA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P87C453EBAA Datasheet HTML 2Page - NXP Semiconductors P87C453EBAA Datasheet HTML 3Page - NXP Semiconductors P87C453EBAA Datasheet HTML 4Page - NXP Semiconductors P87C453EBAA Datasheet HTML 5Page - NXP Semiconductors P87C453EBAA Datasheet HTML 6Page - NXP Semiconductors P87C453EBAA Datasheet HTML 7Page - NXP Semiconductors P87C453EBAA Datasheet HTML 8Page - NXP Semiconductors P87C453EBAA Datasheet HTML 9Page - NXP Semiconductors P87C453EBAA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Philips Semiconductors
Preliminary specification
80C453/83C453/87C453
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
3-316
IE.0
IE.2
INT0
IT0
TF0
INT1
IT1
TF1
RI
TI
IE REGISTER
IP REGISTER
HIGH PRIORITY
INTERRUPT
INTERRUPT
POLLING
SEQUENCE
LOW PRIORITY
INTERRUPT
INDIVIDUAL
ENABLES
GLOBAL
DISABLE
0
1
0
1
IBF
SU00562
IE.1
IE.3
IE.4
IE.5
OBF
IE.6
Figure 1. 8XC453 Interrupt Control System
EX0
LSB
MSB
BIT
SYMBOL
FUNCTION
IE.7
EA
Disables all interrupts. If EA=0, no interrupt will be acknowledged. If EA=1, each interrupt
source is individually enabled or disabled by setting or clearing its enable bit.
IE.6
IOB
Enables or disables the Output Buffer Full (OBF) interrupt. If IOB=0, the interrupt is disabled,
If IOB=1, an interrupt will occur if EA is set and data has been read from the output buffer
register through Port 6 by the external host pulsing ODS low.
IE.5
IIB
Enables or disables the Input Buffer Full (IBF) interrupt. If IIB=0, the interrupt is disabled. If
IIB=1, an interrupt will occur if EA is set and data has been written into the Port 6 Input Data
Buffer by the host strobing IDS low.
IE.4
ES
Enables or disables the Serial Port Interrupt. If ES=0, the Serial Port Interrupt. If ES=0, the
Serial Port interrupt is disabled.
IE.3
ET1
Enables or disables the Timer 1 Overflow interrupt. If ET1=0, the Timer 1 interrupt is disabled.
IE.2
EX1
Enables or disables External Interrupt 1. If EX1=0, External Interrupt 1 is disabled.
IE.1
ET0
Enables or disables the Timer 0 Overflow interrupt. If ET0=0, the Timer 0 interrupt is disabled.
IE.0
EX0
Enables or disables External Interrupt 0. If EX0=0, external Interrupt 0 is disabled.
SU00563
ET0
EX1
ET1
ES
IIB
IOB
EA
Figure 2. 8XC453 Interrupt Enable (IE) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com