Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C453EBAA Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P87C453EBAA
Description  CMOS single-chip 8-bit microcontrollers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C453EBAA Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P87C453EBAA Datasheet HTML 10Page - NXP Semiconductors P87C453EBAA Datasheet HTML 11Page - NXP Semiconductors P87C453EBAA Datasheet HTML 12Page - NXP Semiconductors P87C453EBAA Datasheet HTML 13Page - NXP Semiconductors P87C453EBAA Datasheet HTML 14Page - NXP Semiconductors P87C453EBAA Datasheet HTML 15Page - NXP Semiconductors P87C453EBAA Datasheet HTML 16Page - NXP Semiconductors P87C453EBAA Datasheet HTML 17Page - NXP Semiconductors P87C453EBAA Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Philips Semiconductors
Preliminary specification
80C453/83C453/87C453
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
3-324
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10%, VSS = 0V
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
Oscillator frequency
3.5
16
MHz
tLHLL
9
ALE pulse width
85
2tCLCL–40
ns
tAVLL
9
Address valid to ALE low
22
tCLCL–40
ns
tLLAX
9
Address hold after ALE low
32
tCLCL–30
ns
tLLIV
9
ALE low to valid instruction in
150
4tCLCL–100
ns
tLLPL
9
ALE low to PSEN low
32
tCLCL–30
ns
tPLPH
9
PSEN pulse width
142
3tCLCL–45
ns
tPLIV
9
PSEN low to valid instruction in
82
3tCLCL–105
ns
tPXIX
9
Input instruction hold after PSEN
0
0
ns
tPXIZ
9
Input instruction float after PSEN
37
tCLCL–25
ns
tAVIV
9
Address to valid instruction in
207
5tCLCL–105
ns
tPLAZ
9
PSEN low to address float
10
10
ns
Data Memory
tRLRH
10, 11
RD pulse width
275
6tCLCL–100
ns
tWLWH
10, 11
WR pulse width
275
6tCLCL–100
ns
tRLDV
10, 11
RD low to valid data in
147
5tCLCL–165
ns
tRHDX
10, 11
Data hold after RD
0
0
ns
tRHDZ
10, 11
Data float after RD
65
2tCLCL–60
ns
tLLDV
10, 11
ALE low to valid data in
350
8tCLCL–150
ns
tAVDV
10, 11
Address to valid data in
397
9tCLCL–165
ns
tLLWL
10, 11
ALE low to RD or WR low
137
239
3tCLCL–50
3tCLCL+50
ns
tAVWL
10, 11
Address valid to WR low or RD low
122
4tCLCL–130
ns
tQVWX
10, 11
Data valid to WR transition
13
tCLCL–50
ns
tWHQX
10, 11
Data hold after WR
13
tCLCL–50
ns
tRLAZ
10, 11
RD low to address float
0
0
ns
tWHLH
10, 11
RD or WR high to ALE high
23
103
tCLCL–40
tCLCL+40
ns
Shift Register
tXLXL
12
Serial port clock cycle time
750
12tCLCL
ns
tQVXH
12
Output data setup to clock rising edge
492
10tCLCL–133
ns
tXHQX
12
Output data hold after clock rising edge
8
2tCLCL–117
ns
tXHDX
12
Input data hold after clock rising edge
0
0
ns
tXHDV
12
Clock rising edge to input data valid
492
10tCLCL–133
ns
Port 6 input (input rise and fall times = 5ns)
tFLFH
15
PE width
209
3tCLCL+20
ns
tILIH
15
IDS width
209
3tCLCL+20
ns
tDVIH
15
Data setup to IDS high or PE high
0
0
ns
tIHDZ
15
Data hold after IDS high or PE high
30
30
ns
tIVFV
16
IDS to BFLAG (IBF) delay
130
130
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com