Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3DY Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M3DY
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3DY Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M3DY Datasheet HTML 1Page - M-System Co.,Ltd. M3DY Datasheet HTML 2Page - M-System Co.,Ltd. M3DY Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: M3DY
M3DY SPECIFICATIONS
ES-2666 Rev.6 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
10 11 12
4
5
6
1
2
3
7
8
9
18 (.71)
110.5 (4.35)
[5 (.20)]
DIN RAIL
35mm wide
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
U (+)
V (–)
Isolation
S
Z
Low Drift
Amplifier
Output
Driver
+
–
1
2
4
5
+
–
OUTPUT
7
8
12
11
POWER
POWER LED
24V DC
Supply
Shortcircuit
Protection
250Ω
+
–
2-WIRE
TRANSMITTER
+
–
–
+
V
MONITOR
4
1
5
2
■ When Used as DC Supply
■ When Used as Isolator
250Ω
+
–
+
–
2-WIRE
TRANSMITTER
+
–
4
1
5
2
250Ω
+
–
+
–
INPUT
9
10
3
6
1 – 5 V DC
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com