Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3DY Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M3DY
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3DY Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M3DY Datasheet HTML 1Page - M-System Co.,Ltd. M3DY Datasheet HTML 2Page - M-System Co.,Ltd. M3DY Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M3DY
M3DY SPECIFICATIONS
ES-2666 Rev.6 Page 1/3
http://www.m-system.co.jp/
Space-saving Signal Conditioners M3-UNIT Series
CURRENT LOOP SUPPLY
Functions & Features
• Powers a two-wire transmitter with 4-20 mA
DC output and galvanically isolates its output signal
• High-density mounting available
• Power indicator LED
• Smart transmitter available
18 (.71)
106
(4.17)
mm (inch)
110.5 (4.35)
MODEL: M3DY–[1]–[2][3]
ORDERING INFORMATION
• Code number: M3DY-[1]-[2][3]
Specify a code from below for each [1] through [3].
(e.g. M3DY-A-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
INPUT
Current
4 – 20 mA DC (Input resistance approx. 250 Ω)
[1] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
Voltage
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
[2] POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
Universal
AD: 100 – 240 V AC / 24 – 240 V DC (universal)
(Operational voltage range 90 - 264 V AC, 47 - 66 Hz /
21.6 - 264 V DC, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Housing material: Flame-resistant resin (gray)
Isolation: Input to output to power
Zero adjustment: -2 to +2 % (front)
Span adjustment: 98 to 102 % (front)
Power LED: Green light turns on when the power is supplied.
SUPPLY OUTPUT
(Across the terminals 4 – 5)
Output voltage: 24 – 28 V DC with no load
18 V DC min. at 20 mA
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 45 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
INSTALLATION
Power Consumption
•AC:
Approx. 3 VA at 100 V
Approx. 4 VA at 200 V
Approx. 5 VA at 264 V
•DC: Approx. 2 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN rail
Weight: 100 g (3.53 oz)


Similar Part No. - M3DY

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3DY-4-AD MSYSTEM-M3DY-4-AD Datasheet
144Kb / 3P
Low profile converter M3-UNIT series
M3DY-4-AD/Q MSYSTEM-M3DY-4-AD/Q Datasheet
144Kb / 3P
Low profile converter M3-UNIT series
M3DY-4-R MSYSTEM-M3DY-4-R Datasheet
144Kb / 3P
Low profile converter M3-UNIT series
M3DY-4-R/Q MSYSTEM-M3DY-4-R/Q Datasheet
144Kb / 3P
Low profile converter M3-UNIT series
M3DY-5-AD MSYSTEM-M3DY-5-AD Datasheet
144Kb / 3P
Low profile converter M3-UNIT series
More results

Similar Description - M3DY

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LDY MSYSTEM-M3LDY Datasheet
141Kb / 5P
Space-saving Signal Conditioners M3-UNIT Series
M3LLC MSYSTEM-M3LLC Datasheet
119Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LM MSYSTEM-M3LM Datasheet
118Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LPA2 MSYSTEM-M3LPA2 Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LR MSYSTEM-M3LR Datasheet
137Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LT MSYSTEM-M3LT Datasheet
139Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LU MSYSTEM-M3LU Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LU2 MSYSTEM-M3LU2 Datasheet
156Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LV MSYSTEM-M3LV Datasheet
116Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3SXT MSYSTEM-M3SXT Datasheet
118Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com