Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2XRP2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2XRP2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XRP2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2XRP2 Datasheet HTML 1Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 2Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 3Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 4Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 5Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: M2XRP2
http://www.m-system.co.jp/
M2XRP2 SPECIFICATIONS
ES-5059 Rev.12 Page 3/6
[Table 1]
10 – 30 Vp-p
5 – 10 Vp-p
1 – 5 Vp-p
0.1 – 1 Vp-p*
30 V
10 V
5 V
1 V
1/6
1/2
1
5
PULSE AMPLITUDE
RANGE
MAX.INPUT
VOLTAGE
SENSITIVITY
SCALE
*Input frequency within ±50 kHz
When the parameters have been set with DIP switches and the
PC Configurator Software (model: JXCON), a specific sensitivity
scale is applied according to the pulse amplitude setting. The
scaled input voltage is then compared to the preset detecting
level (-2.00 to +4.00 V).
With DC coupling, the scaled maximum voltage must be higher
than the detecting level and the minimum voltage must be lower
than that so that the pulse state is accurately detected. (Refer to
the instruction manual for detailed information about adjusting the
detecting level.)
[Table 2]
0 – 10 mHz
0 – 100 mHz
0 – 1 Hz
0 – 10 Hz
0 – 100 Hz
0 – 1 kHz
0 – 10 kHz
0 – 100 kHz
With
With
With
W/O
W/O
W/O
W/O
W/O
FREQUENCY RANGE
NOISE FILTER TYPE
Be sure to apply the noise filter appropriate for the selected
frequency range as shown in the table above. The accuracy
may not be assured if no filter is applied.
OUTPUT SPECIFICATIONS
■ DC Current
Output range: 0 – 20 mA DC
Conformance range: 0 – 23mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 12 V max.
(e.g. 4 – 20 mA: 600 Ω [12 V ÷ 20 mA])
If not specified, the output range is 4 – 20 mA DC.
■ DC Voltage
Code V1 (narrow spans)
Conformance range: -3 – +3 V DC
Output range: -2.5 – +2.5 V DC
Minimum span: 250 mV
Code V2 (wide spans)
Conformance range: -11.5 – +11.5 V DC
Output range: -10 – +10 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V1: 0 – 1 V DC
V2: 1 – 5 V DC
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 264 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE
Accuracy: Input accuracy + output accuracy
Input accuracy: ≤ ±0.03% of the selected freq. range
Output accuracy: ≤ ±0.03% of the selected output range
The input accuracy is inversely proportional to the input
span; while the output accuracy is likewise inversely
proportional to the output span. With [Input Range / Input
Span] ≤ 1, the input accuracy is fixed at ±0.03%.
See CALCULATION EXAMPLES OF OVERALL ACCURACY.
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of I/O range
at -5 to +55°C [23 to 131°F]
Response time: 0.5 sec. + 1 pulse cycle (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Open collector input, 0 – 50 kHz; 1 – 5 V output.
Selected freq. range (100 kHz) ÷ Input span (50 kHz)×
Accuracy (0.03 %)= 0.06 % (Input accuracy)
Selected output range (20 V) ÷ Output span (4 V) ×
Accuracy (0.03 %)= 0.15 % (Output accuracy)
Overall accuracy = 0.06 + 0.15 = ±0.21 %



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com