Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2XRP2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2XRP2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XRP2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2XRP2 Datasheet HTML 1Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 2Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 3Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 4Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 5Page - M-System Co.,Ltd. M2XRP2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: M2XRP2
http://www.m-system.co.jp/
M2XRP2 SPECIFICATIONS
ES-5059 Rev.12 Page 1/6
Super-mini Signal Conditioners Mini-M Series
ENCODER SPEED TRANSMITTER
(PC programmable; built-in excitation)
Functions & Features
• Converts a two-phase forward and reverse rotation
pulse signal with 90 degree phase difference into a forward
and reverse speed signal
• Built-in excitation
• PC programmable input and output ranges
• Input pulse monitoring LED
• Direct RS-422 input
Typical Applications
• Measuring moving speed of a machine with a rotary
encoder
29.5 (1.16)
76
(2.99)
mm (inch)
124
(4.88)
Model
MODEL: M2XRP2-[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: M2XRP2-[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. M2XRP2-000-M2/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
• Non-specified orders will be shipped at default factory
settings (M2XRP2-000: Open collector input/12 V
excitation/4 – 20 mA output). However, a power suffix code
must be specified.
If you specify a full code number without specific calibration
ranges, the input frequency is factory set to the maximum
range available for the selected input code and the output is
set to the default range. Use Ordering Information Sheet
(No. ESU-5059).
Note: Must be used with its socket. NOT installable to a
multi-unit installation base. (e.g. model: M2BS-16)
[1] INPUT
0: User-calibrated (Factory default: open collector, 0 – 100 kHz)
If the unit is to be factory-calibrated to a specific
input type, please select from the following:
A: Open collector
B: Voltage pulse
J: RS-422 line driver pulse
[2] EXCITATION
0: User-calibrated (Factory default: 12 V DC / 5 mA)
If the unit is to be factory-calibrated to a specific
voltage value, please select from the following:
1: 5 V DC / 5 mA
4: 12 V DC / 5 mA
[3] OUTPUT
0: User-calibrated (Factory default: 4 – 20 mA)
If the unit is to be factory-calibrated to a specific
output type, please select from the following:
Current
Z1: Range 0 – 20 mA DC
Voltage
V1: Range -2.5 – +2.5 V DC
V2: Range -10 – +10 V DC
(Configurator software is used to change output over the
described range of the selected suffix code. For changing
out of this range, set the Output Range Selectors inside the
unit before software adjustment.)
[4] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(90 – 264 V for UL)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(110 V ±10 % for UL)


Similar Part No. - M2XRP2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2XR2 MSYSTEM-M2XR2 Datasheet
115Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2XR2-1V1-M2 MSYSTEM-M2XR2-1V1-M2 Datasheet
115Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2XR2-1V1-M2/BL MSYSTEM-M2XR2-1V1-M2/BL Datasheet
115Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2XR2-1V1-M2/BN MSYSTEM-M2XR2-1V1-M2/BN Datasheet
115Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2XR2-1V1-M2/CE MSYSTEM-M2XR2-1V1-M2/CE Datasheet
115Kb / 4P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2XRP2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com