Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9042IDDFR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9042IDDFR
Description  TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9042IDDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9042IDDFR Datasheet HTML 9Page - Texas Instruments TLV9042IDDFR Datasheet HTML 10Page - Texas Instruments TLV9042IDDFR Datasheet HTML 11Page - Texas Instruments TLV9042IDDFR Datasheet HTML 12Page - Texas Instruments TLV9042IDDFR Datasheet HTML 13Page - Texas Instruments TLV9042IDDFR Datasheet HTML 14Page - Texas Instruments TLV9042IDDFR Datasheet HTML 15Page - Texas Instruments TLV9042IDDFR Datasheet HTML 16Page - Texas Instruments TLV9042IDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Supply Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-1200
-800
-400
0
400
800
1200
D51_
VCM = (V–)
Figure 7-7. Offset Voltage vs Supply Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
20
22
24
D14_
IB-
IB+
IOS
Figure 7-8. IB and IOS vs Temperature
Common-Mode Voltage (V)
-3 -2.5
-2 -1.5
-1 -0.5
0
0.5
1
1.5
2
2.5
3
-3.6
-3
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
D13_
IB-
IB+
IOS
Figure 7-9. IB and IOS vs Common-Mode Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
50
60
70
80
90
100
110
120
130
140
150
D18_
VS = 5.5 V, RL = 100K:
VS = 1.2 V, RL = 100K:
VS = 1.2 V, RL = 10K:
VS = 5.5 V, RL = 10K:
Figure 7-10. Open-Loop Gain vs Temperature
Frequency (Hz)
-45
-60
-30
-40
-15
-20
0
0
15
20
30
40
45
60
60
80
75
100
100
1k
10k
100k
1M
D16_
Gain
Phase
CL = 10 pF
Figure 7-11. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
100
1k
10k
100k
1M
10M
D41_
Figure 7-12. Open-Loop Output Impedance vs Frequency
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836C – MARCH 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com