Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7208 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMUX7208
Description  TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMUX7208_V01 Datasheet HTML 35Page - Texas Instruments TMUX7208_V01 Datasheet HTML 36Page - Texas Instruments TMUX7208_V01 Datasheet HTML 37Page - Texas Instruments TMUX7208_V01 Datasheet HTML 38Page - Texas Instruments TMUX7208_V01 Datasheet HTML 39Page - Texas Instruments TMUX7208_V01 Datasheet HTML 40Page - Texas Instruments TMUX7208_V01 Datasheet HTML 41Page - Texas Instruments TMUX7208_V01 Datasheet HTML 42Page - Texas Instruments TMUX7208_V01 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
11 Power Supply Recommendations
The TMUX7208 and the TMUX7209 operate across a wide supply range of of ±4.5 V to ±22 V (4.5 V to 44 V in
single-supply mode). The device also perform well with asymmetrical supplies such as VDD = 12 V and VSS = –5
V.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the supply
rails to other components. Good power-supply decoupling is important to achieve optimum performance. For
improved supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF at the VDD and
VSS pins to ground. Place the bypass capacitors as close to the power supply pins of the device as possible
using low-impedance connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that
offer low equivalent series resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling
purposes. For very sensitive systems, or for systems in harsh noise environments, avoiding the use of vias
for connecting the capacitors to the device pins may offer superior noise immunity. The use of multiple vias
in parallel lowers the overall inductance and is beneficial for connections to ground and power planes. Always
ensure the ground (GND) connection is established before supplies are ramped.
www.ti.com
TMUX7208, TMUX7209
SCDS418B – JULY 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com