Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBO-10 Datasheet(PDF) 5 Page - CUI INC

Part # PBO-10
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10 Datasheet(HTML) 5 Page - CUI INC

  PBO-10 Datasheet HTML 1Page - CUI INC PBO-10 Datasheet HTML 2Page - CUI INC PBO-10 Datasheet HTML 3Page - CUI INC PBO-10 Datasheet HTML 4Page - CUI INC PBO-10 Datasheet HTML 5Page - CUI INC PBO-10 Datasheet HTML 6Page - CUI INC PBO-10 Datasheet HTML 7Page - CUI INC PBO-10 Datasheet HTML 8Page - CUI INC PBO-10 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
cui.com
date 12/10/2020
│ page 5 of 10
CUI Inc
│ SERIES: PBO-10 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL DRAWING (CONTINUED)
Right-angle Orientation
units: mm[inch]
tolerance:±0.50[±0.020]
pinsectiontolerance:±0.10[±0.004]
PINCONNECTIONS
PIN
Function
1
AC(N)
3
AC(L)
5
+V(CAP)
7
-V(CAP)
14
-Vo
16
+Vo
Additional Resources:
Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com