Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBO-10 Datasheet(PDF) 1 Page - CUI INC

Part # PBO-10
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10 Datasheet(HTML) 1 Page - CUI INC

  PBO-10 Datasheet HTML 1Page - CUI INC PBO-10 Datasheet HTML 2Page - CUI INC PBO-10 Datasheet HTML 3Page - CUI INC PBO-10 Datasheet HTML 4Page - CUI INC PBO-10 Datasheet HTML 5Page - CUI INC PBO-10 Datasheet HTML 6Page - CUI INC PBO-10 Datasheet HTML 7Page - CUI INC PBO-10 Datasheet HTML 8Page - CUI INC PBO-10 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
cui.com
date 12/10/2020
page 1 of 10
SERIES: PBO-10
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
typ
(A)
max
(W)
max
(mVp-p)
typ
(%)
PBO-10-3
3.3
2.0
6.6
150
70
PBO-10-5
5
2.0
10.0
150
76
PBO-10-9
9
1.1
10.0
150
78
PBO-10-12
12
0.83
10.0
150
80
PBO-10-15
15
0.67
10.0
150
81
PBO-10-24
24
0.42
10.0
150
82
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,witha1μFceramicand10μFelectrolytyiccapacitorontheoutput.
2. At 230 Vac input.
3.AllspecificationsaremeasuredatTa=25°C,humidity<75%,115or230Vacinputvoltage,andratedoutputloadunlessotherwisespecified.
FEATURES
•wideinputrange(85~305VAC)
•wideoperatingtemperaturerange(-40to+85C)
•IEC/EN/UL62368certified
•designedtomeet60335householdsafetycertifications
•overvoltage,overcurrent,shortcircuitprotections
•flexibleimplementationstopowerawidearrayofapplications
PART NUMBER KEY
BaseNumber
PBO-10 - XX - X
OutputVoltage
Orientation:
“blank”=vertical
B=right-angle
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PBO-10

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBO-10 CUI-PBO-10 Datasheet
1Mb / 10P
AC-DC POWER SUPPLY
01/21/2022
PBO-10-12 CUI-PBO-10-12 Datasheet
1Mb / 10P
AC-DC POWER SUPPLY
01/21/2022
PBO-10-15 CUI-PBO-10-15 Datasheet
1Mb / 10P
AC-DC POWER SUPPLY
01/21/2022
PBO-10-24 CUI-PBO-10-24 Datasheet
1Mb / 10P
AC-DC POWER SUPPLY
01/21/2022
PBO-10-3 CUI-PBO-10-3 Datasheet
1Mb / 10P
AC-DC POWER SUPPLY
01/21/2022
More results

Similar Description - PBO-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com