Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-FR3A Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S-FR3A
Description  Schottky diode for automotive applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-FR3A Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-FR3A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-FR3A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-FR3A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (T
A = 25 °C unless otherwise noted)
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
150
250
500
Item
Maximum instantaneous forward
voltage
Maximum DC reverse current at
rated DC blocking voltage
Typical reverse recovery time
Typical junction capacitance
Test conditions
IF=3.0A
TA=25°C
TA=100°C
IF=0.5A,IR=1.0A,
Irr=0.25A
4.0 V, 1 MHz
IR
μA
Symbol
S-
FR3A
S-
FR3K
trr
ns
CJ
pF
1.3
5.0
50
30.0
S-
FR3M
Unit
VF
V
S-
FR3B
S-
FR3D
S-
FR3G
S-
FR3J
0
20
40
60
80
100
1
10
100
Number of Cycles at 60 Hz
0.01
0.1
1
10
100
0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
Instantaneous Forward Voltage (V)
Fig.3 Typical Instantaneous Forward
Characteristics
0.01
0.1
1
10
100
0
20
40
60
80
100
Percent Of Rated Peak Reverse Voltage(%)
Fig.4 Typical Reverse Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
30
60
90
120
150
180
Lead Temperature (℃)
Fig.1 Output Current Derating Curve
2.0
T
J = 25 °C
T
J = 125 °C
Fig.2 Maximum Peak Forward Surge Current
Rev :
www.leiditech.com
01.06.2018
2/3
S-FR3A~S-FR3M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com