Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-FR3A Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S-FR3A
Description  Schottky diode for automotive applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-FR3A Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-FR3A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-FR3A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-FR3A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Outline
Ordering Information
Per Carton (PCS)
Reel Diameters (mm)
330/13″
Outline
Reel (PCS)
Taping
3,000
2.11(0.083)
1.91(0.075)
4.90(0.193)
4.30(0.169)
3.30(0.130)
3.94(0.155)
0.203(0.008)MAX
2.44(0.096)
2.13(0.084)
1.52(0.060)
0.76(0.030)
5.59(0.220)
5.21(0.205)
0.305(0.012)
0.152(0.006)
SMB(DO-214AA)
2.159(0.085)
MAX.
2.18(0.086)
MIN.
1.52(0.060)
MIN.
5.588(0.220)
REF.
Mounting Pad Layout
Dimensions in millimeters and (inches)
Cathode Band
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
3/3
S-FR3A~S-FR3M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com