Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN83C171 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN83C171
Description  EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C171 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN83C171 Datasheet HTML 17Page - SMSC Corporation LAN83C171 Datasheet HTML 18Page - SMSC Corporation LAN83C171 Datasheet HTML 19Page - SMSC Corporation LAN83C171 Datasheet HTML 20Page - SMSC Corporation LAN83C171 Datasheet HTML 21Page - SMSC Corporation LAN83C171 Datasheet HTML 22Page - SMSC Corporation LAN83C171 Datasheet HTML 23Page - SMSC Corporation LAN83C171 Datasheet HTML 24Page - SMSC Corporation LAN83C171 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
21
The copy may begin before the entire frame has
been received if early receive is enabled. When
the header copy is complete, the receive DMA
status will then be posted to the descriptor for
the header buffer, and the header copy complete
interrupt will be set.
If reception from
the
network has completed, the network portion of
the posted status will be valid --and the RSV bit
will be set to 1.
In early receive mode, the
receive DMA status may be posted before the
network status for the frame is available, in
which case the RSV bit in the descriptor will be
set to 0. If the entire frame fits into the header
buffer, the network receive status will always be
posted with the frame. After a header copy, the
receive DMA always clears the RXQUEUED bit
(also setting the receive queue empty interrupt,
which may
be masked) and waits in the idle
state for the
software driver to queue a
fragment list for the rest of the frame.
After examining the header data, the software
driver may discard the frame or have it copied
into host memory as many times as it would
like. The software requests copies of the frame
by programming descriptors (and fragments
lists) and setting RXQUEUED without setting
NEXTFRAME. The frame is copied exactly as it
would be in the free buffer pool mode, with the
exception that the offset field is used with
fragment list copies.
The software may not
need all of the bytes at the beginning of the
frame to be copied, so it may specify an offset
into the frame where the copy should begin. The
offset field shares a location in the descriptor
with the buffer length field because the buffer
length is not specified in a descriptor for a
fragment list. The receive DMA copies the frame
into host memory beginning from the byte
number specified in the offset. If the offset field
is not zero, the copy will not
begin until the
entire
frame
has
been
received
from
the
network, even if early receive is enabled. This is
so that the receive DMA does not copy invalid
data if the offset is greater than the number of
bytes that have been received so far. Usually,
the entire frame will have been received before
the fragment list is available.
When the copy is finished, the receive status is
posted and the receive copy complete interrupt
is set. The receive DMA will then read the next
descriptor, and if the ownership bit is set it will
immediately begin to copy the same frame into
host memory again. If the descriptor is owned
by the host, RXQUEUED will be cleared (and
receive queue empty interrupt set) and the
receive DMA will wait in the idle state for
another command. If the software driver wants
another copy of the frame, it may queue another
descriptor and set RXQUEUED without setting
NEXTFRAME. This procedure will be repeated
until the software chooses to go on to the next
frame.
The software driver discards a frame by setting
NEXTFRAME before or simultaneous to setting
RXQUEUED.
If RXQUEUED is set after or
along with NEXTFRAME, the receive DMA will
begin
to copy the next frame (if any) in the
receive
buffer. The next descriptor queued
should contain a header buffer for the next
frame.
Occasionally, the software driver may want to
discard a frame immediately after reading its
header, but still read the receive status for that
frame. If the valid network status is not posted
in the descriptor, the software driver may read it
from the PRSTAT register. The driver must set
NEXTFRAME and RXQUEUED to discard the
frame first, as described above. However, the
next descriptor in the receive descriptor list must
have the ownership bit cleared (host still owns
descriptor).
This allows the LAN83C171 to
update the PRSTAT register without starting to
copy the following frame.
The software driver
must poll the RQE (receive queue empty)
interrupt to determine when the status is
available.
When the RQE interrupt is set, the
driver may read the receive status from the
PRSTAT register. The receive status valid bit in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com