Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN83C171 Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN83C171
Description  EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C171 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN83C171 Datasheet HTML 5Page - SMSC Corporation LAN83C171 Datasheet HTML 6Page - SMSC Corporation LAN83C171 Datasheet HTML 7Page - SMSC Corporation LAN83C171 Datasheet HTML 8Page - SMSC Corporation LAN83C171 Datasheet HTML 9Page - SMSC Corporation LAN83C171 Datasheet HTML 10Page - SMSC Corporation LAN83C171 Datasheet HTML 11Page - SMSC Corporation LAN83C171 Datasheet HTML 12Page - SMSC Corporation LAN83C171 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
9
PQFP PIN NO.
NAME
I/O
TYPE
DESCRIPTION
2,129,141,154,182
VDDAC
PWR
Connect to +5V
34,50,72,101,30,
38,52,55,85,95,
103,105,116,57,66,
107
VDDIO
PWR
Connect to +5V
200
VDDA
PWR
Connect to +5V
1,14,26,73,98,126,
134,159,189,206,
207
VSSC
PWR
Connect to Ground
3,130,142,155,160,
184
VSSAC
PWR
Connect to Ground
27,35,78,100
VSSG
PWR
Connect to Ground
33,41,47,51,53,56,
62,69,76,82,90,
102,104,106,113
VSSPC
PWR
Connect to Ground
44,80,119
VSSIO
PWR
Connect to Ground
58,203
VSSA
PWR
Connect to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com