Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBW20 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EBW20
Description  0.8mm Contact Spacing, Board To Wire Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EBW20 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EBW20 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EBW20 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Connector
0.8mm Contact Spacing, Board To Wire Connectors
EBW20 SERIES
■ FEATURES
0.8mm contact spacing.
No. of contacts: 2~22pin.
Connector Heights: 1.75mm
Board To Wire Connector for SMT.
■ SPECIFICATIONS
1.ELECTRICAL
2.MECHANICAL
Voltage rating: 30VDC
Current rating:
0.5A (AWG #32), 0.2A (AWG #36)
Contact resistance:
30mΩ max. (initial)
Insulation resistance: 100MΩ min.
Durability: Mate & Unmate with applicability for
20 times, Contact resistance: 30mΩ max.
(initial), 50mΩ max. (final)
Terminal Retention Force: 0.2kgf min.
■ MATERIALS
1.MATERIAL
2.PLATING
Contacts: Phosphor Bronze
Insulator Housing:
High Temp Thermoplastic
Contact:
Nickel In All Area
Sn over Nickel (RoHS Compliant)
Au over Nickel (RoHS Compliant)
■ PACKING
1.Packing method
All connector are packed in Tube or reel methods.
2.Information on label (stuck to each ploy bag, reel and box)
(1)Part NO.
(2)Section.
(3)Lot NO.
(4)Quantity.
(5)QC stamp.
(6)Reprocess NO.
(7)ECE mark.
EBW20-PxxH21N-31Z


Similar Part No. - EBW20

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBW20A ADAM-TECH-EBW20A Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBW20B ADAM-TECH-EBW20B Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBW20H ADAM-TECH-EBW20H Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBW20J ADAM-TECH-EBW20J Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBW20K ADAM-TECH-EBW20K Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
More results

Similar Description - EBW20

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
10Gbps 0.8mm pitch Board to Board Connectors
DF52 HIROSE-DF52 Datasheet
271Kb / 6P
0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
GT8E HIROSE-GT8E Datasheet
413Kb / 14P
High contact pressure Wire-to-Board connectors
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBW14 ECE-EBW14 Datasheet
212Kb / 4P
2.0mm Contact Spacing, Board to Wire Dip Connectors
EBW-CK22 ECE-EBW-CK22 Datasheet
204Kb / 3P
1.25mm Contact Spacing, Board to Wire SMT Connectors
EBW-PK26 ECE-EBW-PK26 Datasheet
157Kb / 3P
1.25mm Contact Spacing, Board To Wire Header Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com