Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3964C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3964C/D
Description  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3964C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3964C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX3964 limiting amplifier, with 2mVP-P input
sensitivity and PECL data outputs, is ideal for low-cost
ATM, FDDI, and Fast Ethernet fiber optic applications.
The MAX3964 features an integrated power detector that
senses the input-signal power. It provides a received-sig-
nal-strength indicator (RSSI), which is an analog indica-
tion of the power level and complementary PECL loss-of-
signal (LOS) outputs, which indicate when the power
level drops below a programmable threshold. The
threshold can be adjusted to detect signal amplitudes as
low as 2.7mVp-p. An optional squelch function disables
switching of the data outputs by holding them at a known
state during an LOS condition.
The MAX3965 provides the same functionality, but
offers TTL-compatible LOS outputs. The MAX3968 pro-
vides the same functionality as the MAX3964, but has
data-output edge speed suitable for ESCON and
266Mbps fibre channel applications.
The MAX3964/MAX3965/MAX3968 are available in die
form, as tested wafers, and in 20-pin QSOP packages.
The MAX3964ETP is available in a 20-pin thin QFN
package.
Applications
125Mbps FDDI Receivers
155Mbps LAN ATM Receivers
Fast Ethernet Receivers
ESCON Receivers
155Mbps FTTx Receivers
Features
♦ Single Supply: +3.0V to +5.5V
♦ 2mVP-P Input Sensitivity
♦ 1.2ns Output Edge Speed
♦ Loss-of-Signal Detector with Programmable
Threshold
♦ Analog Received-Signal-Strength Indicator
♦ Output Squelch Function
♦ Choice of TTL or PECL LOS Outputs
♦ Compatible with 4B/5B Data Coding
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX3964
MAX3965
MAX3968
CZN
CZP
RSSI
LOS+
VCC
CAZ
27nF
LOS TERMINATIONS
ARE USED ONLY
FOR THE MAX3964
AND MAX3968
VCC
VCC
FILTER
VCC0
OUT-
GND
FILTER
10nF
CIN
10nF
CIN
10nF
10nF
OUT+
155Mbps
TIA
IN
IN-
IN+
GNDO
LOS-
OUT-
OUT+
SUB*
GND
R2
R1
≥100k
(MAX3965 ONLY)
INV
50
Ω
50
Ω
50
Ω
50
*PIN NOT AVAILABLE ON MAX3964ETP.
Ω
VCC - 2V
SQUELCH
VCC
VCC
PHOTODIODE
VTH
Typical Operating Circuit
19-1314; Rev 1; 10/02
Pin Configurations appear at end of data sheet.
Selector Guide appears at end of data sheet.
*Dice and wafers are designed to operate over a 0°C to +100°C
junction temperature (Tj) range, but are tested and guaranteed
only at TA = +25°C.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX3964CEP
0
oC to +70oC
20 QSOP
MAX3964C/D
0
oC to +70oC
Dice*
MAX3964C/DW
0
oC to +70oC
Wafers*
MAX3964ETP
-40
oC to +85oC
20 Thin QFN
MAX3965CEP
0
oC to +70oC
20 QSOP
MAX3965C/D
0
oC to +70oC
Dice*
MAX3965C/DW
0
oC to +70oC
Wafers*
MAX3968CEP
0
oC to +70oC
20 QSOP
MAX3968C/D
0
oC to +70
oC
Dice*
MAX3968C/DW
0
oC to +70oC
Wafers*
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX3964C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3964C MAXIM-MAX3964C Datasheet
808Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3964CEP MAXIM-MAX3964CEP Datasheet
808Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
More results

Similar Description - MAX3964C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3645 MAXIM-MAX3645 Datasheet
262Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com