Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3964C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3964C/D
Description  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3964C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3964C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3964C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
_______________________________________________________________________________________
3
Note 1: Dice are tested and guaranteed at TA = +25°C only.
Note 2: LOS hysteresis = 20log(VLOS-DEASSERT / VLOS-ASSERT).
Note 3: Voltage measurements are relative to supply voltage (VCC).
Note 4: PWD = [(width of wider pulse) - (width of narrower pulse)] / 2, measured with 100Mbps 1-0 pattern.
ELECTRICAL CHARACTERISTICS—MAX3964ETP
(VCC = +3.0V to +5.5V, PECL outputs terminated with 50Ω to (VCC - 2V), TA = -40°C to +85°C. Typical values measured at VCC =
+3.3V and TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
PECL outputs open
22
45
mA
LOS Hysteresis
Input = 4.0mVP-P (Note 2)
3.0
5
8.0
dB
SQUELCH Input Current
27
100
µA
PECL Output Voltage High
(Note 3)
-1.085
-0.880
V
PECL Output Voltage Low
(Note 3)
-1.830
-1.550
V
Input = 7mVP-P or 90mVP-P, 0°C to +85°C
-3
+3
LOS Assert Accuracy
Input = 7mVP-P or 90mVP-P, -40°C to 0°C
-3.6
+3.6
dB
Minimum LOS Assert Input
2.7
mVP-P
Maximum LOS Deassert Input
143
mVP-P
Input Sensitivity
24
mVP-P
Input Overload
1.5
VP-P
Output Transition Time
tr, tf
20% to 80%
1.6
2.4
ns
Pulse-Width Distortion
(Note 4)
50
250
psP-P
Typical Operating Characteristics
(MAX3964 EV kit, VCC = +3.3V, decibels (dB) calculated as 20 log ∆V, PECL outputs terminated with 50Ω to (VCC - 2V), TA =
+25°C, unless otherwise noted.)
1.00
1
100
1k
10
RSSI VOLTAGE vs. INPUT AMPLITUDE
2.00
3.00
1.50
2.50
INPUT AMPLITUDE (mV)
INPUT PATTERN IS 223 -1 PRBS
LOS DEASSERTED
LOS ASSERTED
1.5
1.6
1.7
1.9
1.8
2.0
2.2
2.1
2.3
-40
0
20
-20
40
60
80
100
RSSI VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
INPUT = 100mV
INPUT = 10mV
INPUT = 5mV
100
30
1
100
1k
10
10k
PULSE-WIDTH DISTORTION
vs. INPUT AMPLITUDE
40
50
60
INPUT AMPLITUDE (mVP-P)
70
80
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com