Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC283 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC283
Description  4-Bit Binary Adder with Fast Carry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC283 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC283 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC283 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC283 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC283 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC283 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC283 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics VCC e 5V TA e 25 C CL e 15 pF tr e tf e 6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation
18
27
ns
Delay From C0 to R1or R2
tPHL tPLH
Maximum Propagation
18
27
ns
Delay From C0 to R3
tPHL tPLH
Maximum Propagation
20
30
ns
Delay From C0 to R4
tPHL tPLH
Maximum Propagation
17
26
ns
Delay From A1 or B1 to R1
tPHL tPLH
Maximum Propagation
22
32
ns
Delay From C0 to C4
tPHL tPLH
Maximum Propagation
22
32
ns
Delay From A1 or B1 to C4
AC Electrical Characteristics CL e 50 pF tr e tf e 6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
20V
60
150
188
225
ns
Delay From C0 to R1or R2
45V
21
30
37
45
ns
60V
18
26
32
39
ns
tPHL tPLH
Maximum Propagation
20V
60
150
188
225
ns
Delay From C0 to R3
45V
21
30
37
45
ns
60V
18
26
32
39
ns
tPHL tPLH
Maximum Propagation
20V
65
162
202
243
ns
Delay From C0 to R4
45V
24
34
43
51
ns
60V
19
28
35
42
ns
tPHL tPLH
Maximum Propagation
20V
60
150
188
225
ns
Delay From A1 or B1 to R1
45V
22
33
41
50
ns
60V
18
27
34
41
ns
tPHL tPLH
Maximum Propagation
20V
70
175
219
263
ns
Delay From C0 to C4
45V
26
39
49
59
ns
60V
21
32
40
46
ns
tPHL tPLH
Maximum Propagation
20V
70
175
219
263
ns
Delay From A1 or B1 to C4
45V
26
39
49
59
ns
60V
21
32
40
46
ns
tTHL tTLH
Maximum Output
20V
28
75
95
110
ns
Rise and Fall Time
45V
8
15
19
22
ns
60V
7
13
16
19
ns
CIN
Maximum Input
6
10
10
10
pF
Capacitance
CPD
Power Dissipation
150
pF
Capacitance (Note 5)
Note 5
CPD determines the no load dynamic power consumption PD e CPD VCC2 faICC VCC and the no load dynamic current consumption
IS e CPD VCC faICC
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com