Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC283 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC283
Description  4-Bit Binary Adder with Fast Carry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC283 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC283 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC283 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC283 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC283 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC283 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC283 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5332
January 1988
MM54HC283MM74HC283
4-Bit Binary Adder with Fast Carry
General Description
This full adder performs the addition of two 4-bit binary num-
bers utilizing advanced silicon-gate CMOS technology The
sum (R) outputs are provided for each bit and the resultant
carry (C4) is obtained from the fourth bit These adders fea-
ture full internal look ahead across all four bits This pro-
vides the system designer with partial look-ahead perform-
ance at the economy and reduced package count of a rip-
ple-carry implementation
The adder logic including the carry is implemented in its
true form meaning that the end-around carry can be accom-
plished without the need for logic or level inversion All in-
puts are protected from damage due to static discharge by
internal diode clamps to VCC and ground
Features
Y
Full-carry look-ahead across the four bits
Y
Systems
achieve
partial
look-ahead
performance
with the economy of ripple carry
Y
Wide supply range 2V to 6V
Y
Low quiescent power consumption 8 mAat25 C
Y
Low input current 1 mA maximum
Connection Diagram
Dual-In-Line Package
TLF5332 – 1
Top View
Order Number MM54HC283 or MM74HC283
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC283

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC280 NSC-MM54HC280 Datasheet
120Kb / 4P
9-Bit Odd/Even Parity Generator/Checker
MM54HC280J NSC-MM54HC280J Datasheet
120Kb / 4P
9-Bit Odd/Even Parity Generator/Checker
More results

Similar Description - MM54HC283

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283 Datasheet
63Kb / 6P
4-Bit Binary Adder with Fast Carry
DM74LS83A FAIRCHILD-DM74LS83A Datasheet
51Kb / 5P
4-Bit Binary Adder with Fast Carry
DM74S283 FAIRCHILD-DM74S283 Datasheet
53Kb / 5P
4-Bit Binary Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Texas Instruments
CD74AC283 TI-CD74AC283 Datasheet
254Kb / 10P
4-Bit Binary Fill Adder With Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Texas Instruments
CD54AC283 TI-CD54AC283_07 Datasheet
404Kb / 12P
4-Bit Binary Fill Adder With Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
4-bit Binary Full Adder (with Fast Carry)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com