Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6313 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6313
Description  High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6313 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM6313 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
High Efficiency Low Voltage Synchronous
Step-up DC/DC Converter
HM6313
Functional Description
1) General Description
The HM6313 is a synchronous step-up DC-DC converter.
It utilizes internal MOSFET switches to achieve high
efficiency over full load current range. It operates at a
fixed switching frequency of 1.2MHz, and uses the
slope compensated peak current mode pulse width
modulation (PWM) architecture. The device can
operate with an input voltage below 1V and the
minimum start-up voltage is 0.85V.
2) Current Mode Operation
The HM6313 is based on a slope compensated peak
current mode PWM control topology. It operates at a
fixed frequency of 1.2MHz. At the beginning of each
clock cycle, the main switch (NMOS) is turned on and
the inductor current starts to ramp. After the maximum
duty cycle or the sense current signal equals the error
amplifier output, the main switch is turned off and the
synchronous switch (PMOS) is turned on. This control
topology features cycle-by-cycle current limiting which
can prevent the main switch from overstress and the
external inductor from saturating.
3) Synchronous Rectification
The HM6313 integrates a synchronous rectifier to
improve efficiency as well as to eliminate the need for
an external Schottky diode. The synchronous rectifier is
used to reduce the loss condition contributed by the
forward voltage of an external Schottky diode. The
synchronous rectifier is realized by a P-channel MOS
(PMOS) with gate control circuitry that incorporates
relatively complicated timing concerns.
4) Low voltage Start-up
The HM6313 can start-up with input voltage down to
0.85V. During start-up, the internal low voltage start-up
circuitry controls the internal NMOS switch. The
HM6313 leaves the start-up mode once output voltage
exceeds 2V. An internal comparator monitors the output
voltage and place the chip into normal operation once
output voltage exceeds 2V. The supply voltage of
control circuit is biased by input voltage in start-up
mode and biased by output voltage in normal mode.
When output voltage exceeds 2V, the HM6313 is
independent of input voltage.
5) Pulse Frequency Modulation Operation
At very light load, the HM6313 automatically enters
pulse frequency modulation (PFM) Mode to improve
efficiency. During this mode, the PFM control will skip
some pulses to maintain regulation. If the load
increases and output voltage drops, the device will
automatically switch back to normal PWM mode and
maintain regulation.
6) Anti-Ringing Control
An anti-ringing circuitry is included to remove the high
frequency ringing that appears on the SW pin when the
inductor current goes to zero. In this case, a ringing on
the SW pin is induced due to remaining energy stored
in parasitic components of switch and inductor. The
anti-ringing circuitry clamps the voltage internally to
the preset voltage and therefore dampens this ringing.
Page 8
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com