Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6313 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6313
Description  High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6313 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6313 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6313 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
High Efficiency Low Voltage Synchronous
Step-up DC/DC Converter
HM6313
ABSOLUTE MAXIMUM RATINGS (NOTE1)
SYMBOL
ITEM
RATING
UNIT
VIN
Input Voltage
-0.3~7.0V
V
VSW
SW Pin Switch Voltage
-0.3~7.0V
V
VOUT
Output Voltage
-0.3~7.0V
V
VFB
Feedback Voltage
-0.3~7.0V
V
VEN
Enable Voltage
(GND-0.3V) to (VIN+0.3V)
V
θJA
Package Thermal Resistance
250
℃/W
TOPT
Operating Temperature Range
-40~85
℃
RECOMMENDED OPERATING RANGE (NOTE2)
SYMBOL
PARAMETER
VALUE
VIN
Input Voltage Range
0.85V-5V
Notes:
1. Exceeding these ratings may damage the device
2. The device is not guaranteed to function outside of its operating rating
Page 3
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com