Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK7N70PD Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FTK7N70PD
Description  7 Amps, 700 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7N70PD Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FTK7N70PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 6Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2016. 05. 10
6/7
Revision No : 0
FTK7N70P/F/DD
TYPICAL CHARACTERISTICS
-100
Junction Temperature, TJ ( )
-50
50
200
100 150
1.2
0
1.1
1.0
0.9
0.8
Note:
1. VGS=0V
2. ID=250uA
Breakdown Voltage Variation vs.
Temperature
-100
Junction Temperature, TJ ( )
-50
50
200
100
150
3.0
0
2.0
1.0
0.5
0.0
1.5
2.5
On-Resistance Junction Temperature
Note:
1. VGS=10V
2. ID=3.5A
10
1
0.1
Drain-Source Voltage, VDS (V)
100
10
1
100
�s
1000
10 ms
1ms
DC
Operation in This Area is Limited by R DS(ON)
Maximum Safe Operating Area
Case Temperature, TC ( )
75
100
0
125
50
25
2
4
6
8
Maximum Drain Current vs. Case
Temperature
Notes:
1 . TJ=25
2 . T
J=150
3 . Single Pulse
150
10
1
10
0.1
1
Drain-to-Source Voltage, VDS (V)
On-State Characteristics
0.1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
4
6
8
10
150
Notes:
1. VDS =50 V
2. 250us Pulse Test
10
1
0.1
25
Notes:
1. 250us Pulse Test
2. TC=25℃
VGS
Top:
10V
8V
7.5V
7V
6.5V
6 V
5.5V
Bottorm:5.5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com