Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK7N70PD Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK7N70PD
Description  7 Amps, 700 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7N70PD Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK7N70PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 6Page - First Silicon Co., Ltd FTK7N70PD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
7 Amps, 700 Volts
N-CHANNEL MOSFET
DESCRIPTION
FEATURES
* RDS(ON)=
1.7Ω@VGS = 10V
* Low gate and reverse transfer Capacitance ( C: 18 pF typical )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Order Number
Pin Assignment
Package
1
2
3
Packing
FTK7N70P
TO-220
G
D
S
Tube
FTK7N70DD
TO-263
G
D
S
Tube
Note: Pin Assignment:
G: Gate
D: Drain
S: Source
2016. 05. 10
1/7
SEMICONDUCTOR
TECHNICAL DATA
FTK7N70P/F/DD
Revision No : 0
P :
F :
1
TO-263
DD :
FTK7N70F
TO-220F
G
D
S
Reel & Taping
These N-Channel enhancement mode power field effect
Transistors are produced using planar stripe, DMOS
technology.
This advanced technology has been especially tailored
to minimize on - state resistance , provide superior
switching performance,and Withstand high energy pulse
in the avalanche and commutaion mode .These devices
are well suited for high efficiency switch mode power
supply electronic lamp ballasts
based on half bridge topology.


Similar Part No. - FTK7N70PD

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
7 Amps, 700 Volts N-CHANNEL MOSFET
More results

Similar Description - FTK7N70PD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
150Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
12 Amps, 700 Volts N-CHANNEL MOSFET
1N70 UTC-1N70 Datasheet
217Kb / 8P
1.2 Amps, 700 Volts N-CHANNEL MOSFET
7N70 UTC-7N70_11 Datasheet
376Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
12 Amps, 700 Volts N-CHANNEL MOSFET
2N70L UTC-2N70L Datasheet
181Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
7 Amps, 700 Volts N-CHANNEL MOSFET
FTK10N70P FS-FTK10N70P Datasheet
318Kb / 7P
10 Amps, 700 Volts N-CHANNEL MOSFET
FTK6N70P FS-FTK6N70P Datasheet
644Kb / 7P
6.0 Amps, 700 Volts N-CHANNEL MOSFET
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
10 Amps, 700 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com