Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5820 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5820
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5820 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5820 Datasheet HTML 3Page - Renesas Technology Corp 2SC5820 Datasheet HTML 4Page - Renesas Technology Corp 2SC5820 Datasheet HTML 5Page - Renesas Technology Corp 2SC5820 Datasheet HTML 6Page - Renesas Technology Corp 2SC5820 Datasheet HTML 7Page - Renesas Technology Corp 2SC5820 Datasheet HTML 8Page - Renesas Technology Corp 2SC5820 Datasheet HTML 9Page - Renesas Technology Corp 2SC5820 Datasheet HTML 10Page - Renesas Technology Corp 2SC5820 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2SC5820
Rev.2.00 Aug 10, 2005 page 8 of 10
(VCE = 2 V, IC = 20 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.556
-26.3
38.68
163.4
0.0065
88.2
0.937
-11.6
200
0.550
-50.8
35.60
148.3
0.0117
78.3
0.882
-23.2
300
0.537
-72.0
31.52
135.5
0.0174
71.3
0.805
-32.9
400
0.519
-90.7
27.37
125.0
0.0215
63.3
0.716
-41.4
500
0.501
-105.4
23.66
116.7
0.0252
62.0
0.633
-47.6
600
0.485
-118.3
20.55
110.2
0.0276
57.0
0.556
-52.3
700
0.475
-128.1
18.10
105.3
0.0310
54.2
0.495
-55.9
800
0.470
-137.3
16.09
100.7
0.0312
54.1
0.441
-58.4
900
0.462
-144.3
14.43
97.1
0.0352
51.7
0.397
-60.8
1000
0.460
-150.4
13.12
94.1
0.0369
53.1
0.362
-61.7
1100
0.460
-155.8
11.95
91.2
0.0389
50.4
0.330
-63.6
1200
0.458
-161.4
11.00
88.9
0.0397
52.5
0.302
-63.5
1300
0.457
-166.3
10.20
86.4
0.0425
51.5
0.280
-64.7
1400
0.460
-170.1
9.48
84.2
0.0441
53.3
0.260
-65.2
1500
0.457
-173.9
8.85
82.2
0.0452
49.4
0.242
-66.3
1600
0.462
-177.4
8.31
80.0
0.0469
50.7
0.227
-65.9
1700
0.462
179.3
7.84
78.4
0.0478
52.0
0.210
-66.4
1800
0.466
175.9
7.41
76.6
0.0496
49.7
0.198
-66.8
1900
0.467
173.3
7.02
74.8
0.0532
51.5
0.187
-67.2
2000
0.469
170.6
6.70
73.2
0.0548
50.1
0.178
-67.2
2100
0.474
167.8
6.36
71.4
0.0572
52.8
0.167
-67.3
2200
0.476
165.5
6.09
70.0
0.0574
50.9
0.161
-68.3
2300
0.480
163.3
5.82
68.3
0.0610
48.6
0.152
-68.2
2400
0.483
161.2
5.58
66.7
0.0616
49.0
0.143
-69.2
2500
0.486
159.0
5.37
65.0
0.0638
49.8
0.135
-69.8
2600
0.490
156.9
5.15
63.4
0.0661
48.6
0.131
-70.8
2700
0.497
155.3
4.97
62.1
0.0699
48.9
0.123
-72.9
2800
0.499
153.1
4.78
60.8
0.0715
49.3
0.122
-74.1
2900
0.505
151.4
4.61
59.2
0.0714
48.0
0.114
-75.4
3000
0.506
149.6
4.48
57.6
0.0713
46.7
0.106
-77.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com