Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9268 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9268 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9268 Datasheet HTML 1Page - Torex Semiconductor XC9268 Datasheet HTML 2Page - Torex Semiconductor XC9268 Datasheet HTML 3Page - Torex Semiconductor XC9268 Datasheet HTML 4Page - Torex Semiconductor XC9268 Datasheet HTML 5Page - Torex Semiconductor XC9268 Datasheet HTML 6Page - Torex Semiconductor XC9268 Datasheet HTML 7Page - Torex Semiconductor XC9268 Datasheet HTML 8Page - Torex Semiconductor XC9268 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/30
XC9268 Series
■BLOCK DIAGRAM
XC9268 Series
*Diodes inside the circuit are an ESD protection diodes and a parasitic diodes.
PWM/PFM
ControlLOGIC
FB
+
-
+
-
Low
Side
Buffer
Lx
VIN
EN/SS
Chip
Enable
Vref
Soft Start
Under
Voltage
Lock Out
Current
Limit
Err Amp
GND
PG
(USP-6C Package Only)
+
-
Thermal
Shutdown
Comparator
PWM
LocalReg
Current
SENSE
Gate
CLAMP
PowerGood
Comparator
each
circuit
Ramp
Wave
OSC
High
Side
Buffer
Current
Limit
PFM
Operation
Enable
each
circuit
Current
feed
back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com