Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9268 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9268
Description  36V Operation 600mA Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9268 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9268 Datasheet HTML 1Page - Torex Semiconductor XC9268 Datasheet HTML 2Page - Torex Semiconductor XC9268 Datasheet HTML 3Page - Torex Semiconductor XC9268 Datasheet HTML 4Page - Torex Semiconductor XC9268 Datasheet HTML 5Page - Torex Semiconductor XC9268 Datasheet HTML 6Page - Torex Semiconductor XC9268 Datasheet HTML 7Page - Torex Semiconductor XC9268 Datasheet HTML 8Page - Torex Semiconductor XC9268 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5/30
XC9268
Series
■FUNCTION CHART
PIN NAME
SIGNAL
STATUS
EN/SS
L
Stand-by
H
Active
OPEN
Undefined State(*1)
(*1) Please do not leave the EN/SS pin open. Each should have a certain voltage
PIN NAME
CONDITION
SIGNAL
PG
EN/SS = H
VFB > VPGDET
H (High impedance)
VFB ≦ VPGDET
L (Low impedance)
Thermal Shutdown
L (Low impedance)
UVLO
(VIN < VUVLO1)
Undefined State
EN/SS = L
Stand-by
L (Low impedance)
■ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
-0.3 ~ +40
V
EN/SS Pin Voltage
VEN/SS
-0.3 ~ +40
V
FB Pin Voltage
VFB
-0.3 ~ +6.2
V
PG Pin Voltage(*1)
VPG
-0.3 ~ +6.2
V
PG Pin Current(*1)
IPG
8
mA
Lx Pin Voltage
VLx
-0.3 ~ VIN + 0.3 or +40 (*2)
V
Lx Pin Current
ILx
1800
mA
Power
Dissipation
SOT-89-5
Pd
1750 (JESD51-7 board) (*4)
mW
USP-6C(DAF)
1250 (JESD51-7 board) (*4)
Surge Voltage
VSURGE
+46(*3)
V
Operating Ambient Temperature
Topr
-40 ~ +105
℃
Storage Temperature
Tstg
-55 ~ +125
℃
* All voltages are described based on the GND pin.
(*1) For the USP-6C Package only.
(*2) The maximum value should be either VIN+0.3 or 40 in the lowest.
(*3) Applied Time≦400ms
(*4) The power dissipation figure shown is PCB mounted and is for reference only.
The mounting condition is please refer to PACKAGING INFORMATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com