Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1007352 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1007352
Description  Special function module - AXL F PWM2 1H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007352 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1007352 Datasheet HTML 1Page - PHOENIX CONTACT 1007352 Datasheet HTML 2Page - PHOENIX CONTACT 1007352 Datasheet HTML 3Page - PHOENIX CONTACT 1007352 Datasheet HTML 4Page - PHOENIX CONTACT 1007352 Datasheet HTML 5Page - PHOENIX CONTACT 1007352 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/1007352
05/20/2021   Page 1 / 6
Special function module - AXL F PWM2 1H - 1007352
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Axioline F, function module, pulse width modulation, transmission speed in local bus 100 Mbps, IP20 degree of
protection, including bus base module and Axioline F male connectors
Product Description
The module is designed for use within an Axioline F station.
Two channels that operate independently of one another offer the option of pulse width modulation (PWM) for the output signals.
The module supports PWM, pulse generator, and push-pull output operating modes.
Your advantages
 2 independent channels
 Output of 5 V and 24 V signals
 Push-pull output
 Nominal current per output: 500 mA (at 24 V DC), 10 mA (at 5 V DC)
 Frequency output (0 Hz ... 65535 Hz)
 Frequency resolution can be configured using the divider (1 Hz, 0.1 Hz, 0.01 Hz)
 Pulse width resolution can be configured using the divider (1 ms, 0.1 ms, 0.01 ms)
 Configurable pulse duty factor (0 % ... 100 %)
 Device rating plate stored
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626478869
Weight per Piece (excluding packing)
180.000 g
Custom tariff number
85389091
Country of origin
Germany


Similar Part No. - 1007352

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1007358 PHOENIX-1007358 Datasheet
52Kb / 2P
Marker cards - SBS 6: 501-1000
logo
FCI connector
10073599-006LF FCI-CONNECTOR-10073599-006LF Datasheet
105Kb / 1P
MINITEK CTW ACTIVE LATCH HOUSING
10073599-Y06LF FCI-CONNECTOR-10073599-Y06LF Datasheet
105Kb / 1P
MINITEK CTW ACTIVE LATCH HOUSING
10073599-Y08LF FCI-CONNECTOR-10073599-Y08LF Datasheet
105Kb / 1P
MINITEK CTW ACTIVE LATCH HOUSING
10073599-Y10LF FCI-CONNECTOR-10073599-Y10LF Datasheet
105Kb / 1P
MINITEK CTW ACTIVE LATCH HOUSING
More results

Similar Description - 1007352

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8623 PHOENIX-8623 Datasheet
308Kb / 31P
AXL F RTD4 1H
8672 PHOENIX-8672 Datasheet
349Kb / 37P
AXL F UTH4 1H
105688 PHOENIX-105688 Datasheet
157Kb / 6P
AXL F PWR 1H
1035430 PHOENIX-1035430 Datasheet
829Kb / 15P
Temperature module - AXL F RTD4 XC 1H
Dec 7, 2022
2688598 PHOENIX-2688598 Datasheet
1Mb / 19P
Temperature module - AXL F UTH4 1H
Dec 8, 2022
1104545 PHOENIX-1104545 Datasheet
407Kb / 12P
Communication module - AXL F MA MBUS 1H
Dec 7, 2022
2702655 PHOENIX-2702655 Datasheet
548Kb / 12P
Special function module - AXL F IMPULSE2 XC 1H
Dec 7, 2022
2702671 PHOENIX-2702671 Datasheet
657Kb / 11P
Special function module - AXL F PM EF 1F
Dec 9, 2022
2702864 PHOENIX-2702864 Datasheet
461Kb / 11P
Communication module - AXL F MA DALI2 1H
Dec 9, 2022
2702911 PHOENIX-2702911 Datasheet
617Kb / 13P
Analog module - AXL F SGI2 1H
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com