Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1007352 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1007352
Description  Special function module - AXL F PWM2 1H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007352 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1007352 Datasheet HTML 1Page - PHOENIX CONTACT 1007352 Datasheet HTML 2Page - PHOENIX CONTACT 1007352 Datasheet HTML 3Page - PHOENIX CONTACT 1007352 Datasheet HTML 4Page - PHOENIX CONTACT 1007352 Datasheet HTML 5Page - PHOENIX CONTACT 1007352 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/1007352
05/20/2021   Page 2 / 6
Special function module - AXL F PWM2 1H - 1007352
Technical data
Dimensions
Width
35 mm
Height
126.1 mm
Depth
54 mm
Note on dimensions
The depth is valid when a TH 35-7,5 DIN rail is used (according to
EN 60715).
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
5 % ... 95 % (non-condensing)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
General
Mounting type
DIN rail
Color
traffic grey A RAL 7042
Net weight
171.06 g
Note on weight specifications
with connectors and bus base module
Degree of pollution
2 (IEC 60664-1, EN 60664-1)
Mounting position
any (no temperature derating)
Interfaces
Designation
Axioline F local bus
Number
2
Connection method
Bus base module
Transmission speed
100 Mbps
Axioline potentials
Designation
Axioline F local bus supply (UBus)
Supply voltage
5 V DC (via bus base module)
Current consumption
max. 150 mA
Power consumption
max. 0.75 W
Designation
Supply voltage input UO
Supply voltage
24 V DC
Supply voltage range
19.2 V DC ... 30 V DC including all tolerances, including ripple
Current consumption
max. 1.1 A
Power consumption
max. 33 W (of which 1.3 W internal losses)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com