Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPPD-AD4MP1N-S Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # RPPD-AD4MP1N-S
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

RPPD-AD4MP1N-S Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  RPPD-AD4MP1N-S Datasheet HTML 1Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 2Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 3Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 4Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 5Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 6Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 7Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 8Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MODEL: RPPD
RPPD SPECIFICATIONS
ES-1693 Rev.20 Page 4/9
http://www.m-system.co.jp/
OUTPUT PULSE WIDTH
■ Equal to the input: Output waveforms have the same
period and duty ratio as those of input waveforms (when DC
coupled).
■ One-shot Output
This unit detects a pulse sink and outputs [input pulse width
±20 %]; 50 msec. standard
Note: 2 types of one-shot detection are available: pulse rise
or sink. Refer to the table on the "Output Logic" section and
specify when ordering.
Optional pulse width: 30 μsec. – 300 msec.
INSTALLATION
Power consumption
•AC: Approx. 5.5 VA
•DC: Approx. 3.3 W (140 mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 200 g (0.44 lb)
PERFORMANCE
Response time
1 - 4 μsec. delay occurs when the pulse rises and falls.
• Open collector: The delay could be much longer for certain
types of load.
• High power photo MOSFET relay: The output is delayed by
10 msec. at the rise, by 3 msec. at the fall.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com