Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPPD-AD4MP1N-S Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # RPPD-AD4MP1N-S
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

RPPD-AD4MP1N-S Datasheet(HTML) 8 Page - M-System Co.,Ltd.

  RPPD-AD4MP1N-S Datasheet HTML 1Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 2Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 3Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 4Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 5Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 6Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 7Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 8Page - M-System Co.,Ltd. RPPD-AD4MP1N-S Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MODEL: RPPD
RPPD SPECIFICATIONS
ES-1693 Rev.20 Page 8/9
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
2
1
■ Power Photo MOSFET Relay
• AC Powered
LOAD
• DC Powered
Varistor or Spark
Quenching Circuit
Relay or
Counter Coil
U
LOAD
Spark Quenching
Diode
Relay or
Counter Coil
2
1
+
–
Isolation
Base Socket
Waveform
Shaper
Output
Driver
OUTPUT 1
1
2
U(+)
V(–)
POWER
7
8
One-Shot
+
–
INPUT 1
3
4
* Provided only when the one-shot output is specified.
Note 1: With 24V excitation and dry contact input, the voltage across the terminals
3 – 4, 5 – 6, divided in the waveform shaper, is of approx. 16V.
Note 2: Not negative common in case of RS-422 line driver pulse output
or power photo MOSFET relay output.
*
+
–
Output
Driver
OUTPUT 2
10
11
One-Shot
*
VL
VH
INPUT
MON.
Waveform
Shaper
INPUT MON.
+
–
INPUT 2
9
6
5
Excitation
Supply
VOLTAGE
ADJ.
SENSOR EXC.
+
–
Isolation
Base Socket
RS-422
Receiver
Output
Driver
OUTPUT 1
1
2
U(+)
V(–)
POWER
7
8
One-Shot
+
–
3
4
RS-422
Receiver
+
–
5
6
* Provided only when the one-shot output is specified.
Note 1: Sensor excitation not provided for RS-422 line driver pulse input.
Note 2: Not negative common in case of RS-422 line driver pulse output
or power photo MOSFET relay output.
+
–
Output
Driver
OUTPUT 2
10
11
One-Shot
■ RS-422 LINE DRIVER PULSE INPUT
A
B
A
B
ROTARY
ENCODER
Input Connection Examples
■ Open Collector
Output Connection Examples
+
–
1
2
+
–
■ Voltage Pulse
+
–
1
2
+
–
+
–
10
11
+
–
10
11
+
–
5
9
6
+
10kΩ
100Ω
100Ω
■ Dry Contact
+
–
–
3
4
+
–
Vsns
PWR
■ 2-Wire Current Pulse
• Built-in Excitation
5
9
6
+
Vsns
2-WIRE
PICK-UP
100Ω
3
4
–
2-WIRE
PICK-UP
• External DC Supply
5
9
6
–
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
100Ω
3
4
–
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
■ Voltage Pulse
5
9
6
+
+
–
–
Vsns
PWR
3
4
+
–
–
+
+
–
■ RS-422 Line Driver Pulse
2
+
–
+
–
1
+
–
11
+
–
+
–
10
+
–
*
*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com