Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBS10S40 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CBS10S40
Description  Schottky Barrier Diode Silicon Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CBS10S40 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CBS10S40 Datasheet HTML 1Page - Toshiba Semiconductor CBS10S40 Datasheet HTML 2Page - Toshiba Semiconductor CBS10S40 Datasheet HTML 3Page - Toshiba Semiconductor CBS10S40 Datasheet HTML 4Page - Toshiba Semiconductor CBS10S40 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CBS10S40
2
5.
5.
5.
5. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Forward voltage
Reverse current
Total capacitance
Symbol
VF(1)
VF(2)
IR
Ct
Test Condition
IF = 0.5 A (pulse test)
IF = 1 A (pulse test)
VR = 40 V (pulse test)
VR = 0 V, f = 1 MHz
Min
Typ.
0.36
0.48
120
Max
0.40
0.55
150
Unit
V
µA
pF
6.
6.
6.
6. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
Marking Code
7C
Part Number
CBS10S40
7.
7.
7.
7. Usage Considerations
Usage Considerations
Usage Considerations
Usage Considerations
Schottky barrier diodes (SBDs) have reverse leakage greater than other types of diodes. This makes SBDs
more susceptible to thermal runaway under high-temperature and high-voltage conditions. Thus, both
forward and reverse power losses of SBDs should be considered for thermal and safety design.
8.
8.
8.
8. Land pattern dimensions for reference only
Land pattern dimensions for reference only
Land pattern dimensions for reference only
Land pattern dimensions for reference only
Fig.
Fig.
Fig.
Fig. 8.1
8.1
8.1
8.1 Land pattern dimensions for reference only (Unit: mm)
Land pattern dimensions for reference only (Unit: mm)
Land pattern dimensions for reference only (Unit: mm)
Land pattern dimensions for reference only (Unit: mm)
2018-11-16
Rev.3.0
©2018
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com