Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L16DR2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB6L16DR2
Description  2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L16DR2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB6L16DR2 Datasheet HTML 4Page - ON Semiconductor NB6L16DR2 Datasheet HTML 5Page - ON Semiconductor NB6L16DR2 Datasheet HTML 6Page - ON Semiconductor NB6L16DR2 Datasheet HTML 7Page - ON Semiconductor NB6L16DR2 Datasheet HTML 8Page - ON Semiconductor NB6L16DR2 Datasheet HTML 9Page - ON Semiconductor NB6L16DR2 Datasheet HTML 10Page - ON Semiconductor NB6L16DR2 Datasheet HTML 11Page - ON Semiconductor NB6L16DR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NB6L16
http://onsemi.com
8
TIME (62 ps/div)
Figure 4. Typical Output Waveform at
2.488 Gb/s with PRBS 223−1 (Total System
Pk−Pk Jitter is 16 ps. Device Pk−Pk Jitter
Contribution is 3 ps)
TIME (32 ps/div)
Figure 5. Typical Output Waveform at
6.125 Gb/s with PRBS 223−1 (Total System
Pk−Pk Jitter is 17 ps. Device Pk−Pk Jitter
Contribution is 4 ps)
NOTE:
VCC − VEE = 3.3 V; VIN = 700 mV; TA = 25°C.
80
90
100
110
120
130
140
150
160
170
180
190
2.375
2.5
3.3
3.465
POWER SUPPLY VOLTAGE (V)
Figure 6. Propagation Delay versus Power
Supply Voltage and Temperature
30
40
50
60
70
80
90
100
110
120
2.375
2.5
3.3
3.465
POWER SUPPLY VOLTAGE (V)
Figure 7. Rise/Fall Time versus Power Supply
Voltage and Temperature
10
11
12
13
14
15
16
17
18
−40
25
85
Figure 8. IEE Current versus Temperature and
Power Supply Voltage
TEMPERATURE (
°C)
85
°C
−40
°C
25
°C
−40
°C
25
°C
85
°C
VCC − VEE = −3.465 V
VCC − VEE = −2.375 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com