Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L16DR2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NB6L16DR2
Description  2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L16DR2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NB6L16DR2 Datasheet HTML 4Page - ON Semiconductor NB6L16DR2 Datasheet HTML 5Page - ON Semiconductor NB6L16DR2 Datasheet HTML 6Page - ON Semiconductor NB6L16DR2 Datasheet HTML 7Page - ON Semiconductor NB6L16DR2 Datasheet HTML 8Page - ON Semiconductor NB6L16DR2 Datasheet HTML 9Page - ON Semiconductor NB6L16DR2 Datasheet HTML 10Page - ON Semiconductor NB6L16DR2 Datasheet HTML 11Page - ON Semiconductor NB6L16DR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NB6L16
http://onsemi.com
10
ORDERING INFORMATION
Device
Package
Shipping†
NB6L16D
SO−8
98 Units / Rail
NB6L16DG
SO−8
(Pb−Free)
98 Units / Rail
NB6L16DR2
SO−8
2500 / Tape & Reel
NB6L16DR2G
SO−8
(Pb−Free)
2500 / Tape & Reel
NB6L16DT
TSSOP−8
100 Units / Rail
NB6L16DTG*
TSSOP−8
(Pb−Free)
100 Units / Rail
NB6L16DTR2
TSSOP−8
2500 / Tape & Reel
NB6L16DTR2G*
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Future Product − Contact factory for availability.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPS
t I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1642/D
− The ECL Translator Guide
AND8001/D
− Odd Number Counters Design
AND8002/D
− Marking and Date Codes
AND8020/D
− Termination of ECL Logic Devices
AND8066/D
− Interfacing with ECLinPS
AND8090/D
− AC Characteristics of ECL Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com