Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCP02 Datasheet(PDF) 4 Page - Texas Instruments

Part # DCP02
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP02 Datasheet(HTML) 4 Page - Texas Instruments

  DCP02 Datasheet HTML 1Page - Texas Instruments DCP02 Datasheet HTML 2Page - Texas Instruments DCP02 Datasheet HTML 3Page - Texas Instruments DCP02 Datasheet HTML 4Page - Texas Instruments DCP02 Datasheet HTML 5Page - Texas Instruments DCP02 Datasheet HTML 6Page - Texas Instruments DCP02 Datasheet HTML 7Page - Texas Instruments DCP02 Datasheet HTML 8Page - Texas Instruments DCP02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
DEVICE INFORMATION
DCP02
1
2
5
6
7
14
8
V
S
0V
0V
+V
OUT
NC
SYNC
NC
DCP02
1
2
5
6
7
14
8
V
S
0V
0V
+V
OUT
-
V
OUT
SYNC
NC
DCP02
1
2
3
12
13
14
28
27
26
17
16
15
V
S
0V
0V
0V
+V
OUT
NC
SYNC
NC
NC
NC
NC
NC
DCP02
1
2
3
12
13
14
28
27
26
17
16
15
V
S
0V
0V
0V
+V
OUT
-
V
OUT
SYNC
NC
NC
NC
NC
NC
DCP02 Series
SBVS011K – MARCH 2000 – REVISED FEBRUARY 2008
NVA PACKAGE
NVA PACKAGE
DIP-14 (Single-DIP)
DIP-14 (Dual-DIP)
(Top View)
(Top View)
Table 1. Pin Description (Single-DIP)
Table 3. TERMINAL FUNCTIONS (Dual-DIP)
TERMINAL
TERMINAL
NAME
NO.
DESCRIPTION
NAME
NO.
DESCRIPTION
VS
1
Voltage input
VS
1
Voltage input
0V
2
Input side common
0V
2
Input side common
0V
5
Output side common
0V
5
Output side common
+VOUT
6
+Voltage out
+VOUT
6
+Voltage out
NC
7, 8
Not connected
–VOUT
7
–Voltage out
SYNC
14
Synchronization pin
NC
8
Not connected
SYNC
14
Synchronization pin
DVB PACKAGE
SO-28 (Single-SO)
DVB PACKAGE
(Top View)
SO-28 (Dual-SO)
(Top View)
Table 2. TERMINAL FUNCTIONS (Single-SO)
TERMINAL
Table 4. TERMINAL FUNCTIONS (Dual-SO)
NAME
NO.
DESCRIPTION
TERMINAL
VS
1
Voltage input
NAME
NO.
DESCRIPTION
0V
2
Input side common
VS
1
Voltage input
0V
3
Input side common
0V
2
Input side common
0V
12
Output side common
0V
3
Input side common
+VOUT
13
+Voltage out
0V
12
Output side common
14, 15, 16,
+VOUT
13
+Voltage out
NC
Not connected
17, 26, 27
–VOUT
14
–Voltage out
SYNC
28
Synchronization pin
15, 16, 17,
NC
Not connected
26, 27
SYNC
28
Synchronization pin
4
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): DCP02 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com