Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCP02 Datasheet(PDF) 5 Page - Texas Instruments

Part # DCP02
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP02 Datasheet(HTML) 5 Page - Texas Instruments

  DCP02 Datasheet HTML 1Page - Texas Instruments DCP02 Datasheet HTML 2Page - Texas Instruments DCP02 Datasheet HTML 3Page - Texas Instruments DCP02 Datasheet HTML 4Page - Texas Instruments DCP02 Datasheet HTML 5Page - Texas Instruments DCP02 Datasheet HTML 6Page - Texas Instruments DCP02 Datasheet HTML 7Page - Texas Instruments DCP02 Datasheet HTML 8Page - Texas Instruments DCP02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Temperature( C)
°
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
-20
20
40
60
80
100
0
-40
Frequency(MHz)
1
0.15
10
30
60
50
40
30
20
10
0
-
10
-
20
5.4
5.3
5.2
5.1
5.0
4.9
Load(%)
0
20
40
60
80
100
Temperature( C)
°
0
25
50
75
100
-25
-50
2.5
2.0
1.5
1.0
0.5
0
100
80
60
40
20
0
Load(%)
0
25
50
75
100
DCP1212DP
DCP1205P
450
400
350
300
250
200
150
100
50
0
LoadCurrent(mA)
0
200
0.1 F
m
400
1 F
m
DCP02 Series
SBVS011K – MARCH 2000 – REVISED FEBRUARY 2008
At TA = +25°C, unless otherwise noted.
DCP020505P
DCP020505P
CONDUCTED EMISSIONS (500mA Load)
VOUT vs TEMPERATURE (75% Load)
Figure 1.
Figure 2.
DCP021205P
DCP021205P
VOUT vs LOAD
POWER OUT vs TEMPERATURE (400mA Load)
Figure 3.
Figure 4.
DCP0212
DCP020505P
EFFICIENCY vs LOAD
OUTPUT AC RIPPLE (20MHz Band)
Figure 5.
Figure 6.
Copyright © 2000–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DCP02 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com