Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3336 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 4 Page - Texas Instruments

  AMC3336 Datasheet HTML 1Page - Texas Instruments AMC3336 Datasheet HTML 2Page - Texas Instruments AMC3336 Datasheet HTML 3Page - Texas Instruments AMC3336 Datasheet HTML 4Page - Texas Instruments AMC3336 Datasheet HTML 5Page - Texas Instruments AMC3336 Datasheet HTML 6Page - Texas Instruments AMC3336 Datasheet HTML 7Page - Texas Instruments AMC3336 Datasheet HTML 8Page - Texas Instruments AMC3336 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
see (1)
MIN
MAX
UNIT
Power-supply voltage
VDD to GND
–0.3
6.5
V
Analog input voltage
INP, INN
HGND – 6
HLDO_OUT + 0.5
V
Digital input voltage
CLKIN
GND – 0.5
VDD + 0.5
V
Digital output voltage
DOUT
GND – 0.5
VDD + 0.5
V
DIAG
GND – 0.5
6.5
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VDD
Low-side power supply
VDD to GND
3
3.3
5.5
V
ANALOG INPUT
VClipping
Differential input voltage before clipping output
VIN = VINP – VINN
±1.25
V
VFSR
Specified linear differential full-scale voltage
VIN = VINP – VINN
–1
1
V
Absolute common-mode input voltage (1)
(VINP + VINN) / 2 to HGND
–2
VHLDO_OUT
V
VCM
Operating common-mode input voltage
(VINP + VINN) / 2 to HGND
–0.8
0.6
V
DIGITAL I/O
VIO
Digital input / output voltage
0
VDD
V
fCLKIN
Input clock frequency
9
20
21
MHz
Input clock duty cycle
9 MHz ≤ fCLKIN ≤ 21 MHz
40%
50%
60%
TEMPERATURE RANGE
TA
Specified ambient temperature
–40
125
°C
(1)
Steady-state voltage supported by the device in case of a system failure. See specified common-mode input voltage VCM for normal
operation. Observe analog input voltage range as specified in the Absolute Maximum Ratings table.
AMC3336
SBASA70 – APRIL 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com