Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3336 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 17Page - Texas Instruments AMC3336 Datasheet HTML 18Page - Texas Instruments AMC3336 Datasheet HTML 19Page - Texas Instruments AMC3336 Datasheet HTML 20Page - Texas Instruments AMC3336 Datasheet HTML 21Page - Texas Instruments AMC3336 Datasheet HTML 22Page - Texas Instruments AMC3336 Datasheet HTML 23Page - Texas Instruments AMC3336 Datasheet HTML 24Page - Texas Instruments AMC3336 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
7.3.2 Modulator
Figure 7-2 conceptualizes the second-order, switched-capacitor, feed-forward ΔΣ modulator implemented in the
AMC3336. The analog input voltage VIN and the output V5 of the 1-bit digital-to-analog converter (DAC) are
differentiated, providing an analog voltage V1 at the input of the first integrator stage. The output of the first
integrator feeds the input of the second integrator stage, resulting in an output voltage V3 that is differentiated
with the input signal VIN and the output of the first integrator V2. Depending on the polarity of the resulting
voltage V4, the output of the comparator is changed. In this case, the 1-bit DAC responds on the next clock
pulse by changing the associated analog output voltage V5, causing the integrators to progress in the opposite
direction and forcing the value of the integrator output to track the average value of the input.
VIN
Integrator 1
V1
V2
V4
V5
V3
fCLKIN
Σ
Integrator 2
Σ
+
–
DAC
0 V
DOUT
Figure 7-2. Block Diagram of a Second-Order Modulator
The modulator shifts the quantization noise to high frequencies, as depicted in Figure 7-1. Therefore, use a
low-pass digital filter at the output of the device to increase the overall performance. This filter is also used to
convert the 1-bit data stream at a high sampling rate into a higher-bit data word at a lower rate (decimation). TI's
C2000™ and Sitara™ microcontroller families offer a suitable programmable, hardwired filter structure termed
a sigma-delta filter module (SDFM) optimized for usage with the AMC3336. Alternatively, a field-programmable
gate array (FPGA) or complex programmable logic device (CPLD) can be used to implement the filter.
7.3.3 Isolation Channel Signal Transmission
The AMC3336 uses an on-off keying (OOK) modulation scheme, as shown in Figure 7-3, to transmit the
modulator output bitstream across the SiO2-based isolation barrier. The transmit driver (TX) illustrated in the
Functional Block Diagram transmits an internally generated, high-frequency carrier across the isolation barrier
to represent a digital one and does not send a signal to represent a digital zero. The nominal frequency of the
carrier used inside the AMC3336 is 480 MHz.
Figure 7-3 shows the concept of the on-off keying scheme.
Modulator Bitstream
on High-side
Clock
Signal Across Isolation Barrier
Recovered Sigal
on Low-side
Figure 7-3. OOK-Based Modulation Scheme
www.ti.com
AMC3336
SBASA70 – APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com