Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1LIN Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # PESD1LIN
Description  ESD protection diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

PESD1LIN Datasheet(HTML) 3 Page - Rectron Semiconductor

  PESD1LIN Datasheet HTML 1Page - Rectron Semiconductor PESD1LIN Datasheet HTML 2Page - Rectron Semiconductor PESD1LIN Datasheet HTML 3Page - Rectron Semiconductor PESD1LIN Datasheet HTML 4Page - Rectron Semiconductor PESD1LIN Datasheet HTML 5Page - Rectron Semiconductor PESD1LIN Datasheet HTML 6Page - Rectron Semiconductor PESD1LIN Datasheet HTML 7Page - Rectron Semiconductor PESD1LIN Datasheet HTML 8Page - Rectron Semiconductor PESD1LIN Datasheet HTML 9Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
[1]
Device stressed with ten non-repetitive ESD pulses.
Table 6.
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
VESD
electrostatic discharge
voltage
IEC 61000-4-2
(contact discharge)
[1] -23
kV
MIL-STD-883
(human body model)
-10
kV
Table 7.
ESD standards compliance
Standard
Conditions
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 4 kV
Fig 1.
8/20
μμs pulse waveform according to
IEC 61000-4-5
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
t ( s)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e t
100 % IPP; 8 s
50 % IPP; 20 s
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr 0.7 ns to 1 ns
?? ?? ?? ?? ?? ?? ??



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com