Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1LIN Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # PESD1LIN
Description  ESD protection diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

PESD1LIN Datasheet(HTML) 1 Page - Rectron Semiconductor

  PESD1LIN Datasheet HTML 1Page - Rectron Semiconductor PESD1LIN Datasheet HTML 2Page - Rectron Semiconductor PESD1LIN Datasheet HTML 3Page - Rectron Semiconductor PESD1LIN Datasheet HTML 4Page - Rectron Semiconductor PESD1LIN Datasheet HTML 5Page - Rectron Semiconductor PESD1LIN Datasheet HTML 6Page - Rectron Semiconductor PESD1LIN Datasheet HTML 7Page - Rectron Semiconductor PESD1LIN Datasheet HTML 8Page - Rectron Semiconductor PESD1LIN Datasheet HTML 9Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product profile
1.1 General description
PESD1LIN in a very small SOD323 (SC-76) Surface-Mounted Device (SMD) plastic
package designed to protect one automotive Local Interconnect Network (LIN) bus line
from the damage caused by ElectroStatic Discharge (ESD) and other transients.
1.2 Features and benefits
ESD protection of one automotive LIN-bus line
Asymmetrical diode configuration ensures an optimized protection against
ElectroMagnetic Interferences (EMI) of a LIN Electronic Control Unit (ECU)
Max. peak pulse power: PPP =160 W at tp =8/20
μs
Low clamping voltage: VCL =40V at IPP =1A
Ultra low leakage current: IRM <1nA
ESD protection of up to 23 kV
IEC 61000-4-2, level 4 (ESD)
IEC 61000-4-5 (surge); IPP =3A at tp =8/20
μs
1.3 Applications
LIN-bus protection
Automotive applications
1.4 Quick reference data
ESD protection diode
Table 1.
Quick reference data
Tamb =25
οC unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
PESD1LIN (15 V)
-
-
15
V
PESD1LIN (24 V)
-
-
24
V
Cd
diode capacitance
VR =0V;
f = 1 MHz
-13
17
pF
PESD1LIN
2020-11/33/01
REV:B


Similar Part No. - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN PHILIPS-PESD1LIN Datasheet
86Kb / 12P
LIN bus ESD protection diode in SOD323
Rev. 01-26 October 2004
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESD1LIN NXP-PESD1LIN Datasheet
205Kb / 12P
LIN-bus ESD protection diode ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Nexperia B.V. All right...
PESD1LIN NEXPERIA-PESD1LIN Datasheet
899Kb / 12P
LIN-bus ESD protection diode
Rev. 3 - 31 May 2011
More results

Similar Description - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com