Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX201700CHM3/P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VX201700CHM3/P
Description  Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 5.0 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VX201700CHM3/P Datasheet(HTML) 4 Page - Vishay Siliconix

  VX201700CHM3/P Datasheet HTML 1Page - Vishay Siliconix VX201700CHM3/P Datasheet HTML 2Page - Vishay Siliconix VX201700CHM3/P Datasheet HTML 3Page - Vishay Siliconix VX201700CHM3/P Datasheet HTML 4Page - Vishay Siliconix VX201700CHM3/P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VX20170C
www.vishay.com
Vishay General Semiconductor
Revision: 04-Nov-2020
4
Document Number: 87172
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters (inches) TO-220AB
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension and finish uncontrolled in L1
(3) Dimension D, D1 and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured
at the outermost extremes of the plastic body
(4) Dimension b1, b3 and c1 apply to base metal only
(5) Controlling dimensions: inches
(6) Thermal pad contour optional within dimensions E, H1, D2 and E1
(7) Dimensions E2 x H1 define a zone where stamping and singulation irregularities are allowed
(8) Outline conforms to JEDEC® TO-220, except A2 (maximum) and D2 (minimum) where dimensions are derived from the actual package
outline
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.25
4.65
0.167
0.183
D2
11.68
12.88
0.460
0.507
6
A1
1.14
1.40
0.045
0.055
E
10.11
10.51
0.398
0.414
3, 6
A2
2.56
2.92
0.101
0.115
E1
6.86
8.89
0.270
0.350
6
b
0.69
1.01
0.027
0.040
E2
-
0.76
-
0.030
7
b1
0.38
0.97
0.015
0.038
4
e
2.41
2.67
0.095
0.105
b2
1.20
1.73
0.047
0.068
e1
4.88
5.28
0.192
0.208
b3
1.14
1.73
0.045
0.068
4
H1
5.84
6.86
0.230
0.270
6, 7
c
0.36
0.61
0.014
0.024
L
13.52
14.02
0.532
0.552
c1
0.36
0.56
0.014
0.022
4
L1
3.32
3.82
0.131
0.150
2
D
14.85
15.25
0.585
0.600
3
Ø P
3.54
3.73
0.139
0.147
D1
8.38
9.02
0.330
0.355
Q
2.60
3.00
0.102
0.118
13
2
D
D1
H1
Q
13
2
C
C
D
D
3 x b2
3 x b
(b, b2)
b1, b3
(H1)
D2
Detail B
C
A
B
L
e1
Lead tip
E
E2
Ø P
0.014
A
B
M
M
0.015
A
B
M
M
Seating
plane
c
A2
A1
A
A
A
Conforms to JEDEC® outline TO-220AB
(6)
(6)
(7)
(6)
(7)
e
2 x
L1 (2)
Detail B
Section C - C and D - D
View A - A
Base metal
Plating
(4)
(4)
c1
c
(6)
Thermal pad
(E)
E1
(6)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com