Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX201700CHM3/P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VX201700CHM3/P
Description  Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 5.0 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VX201700CHM3/P Datasheet(HTML) 1 Page - Vishay Siliconix

  VX201700CHM3/P Datasheet HTML 1Page - Vishay Siliconix VX201700CHM3/P Datasheet HTML 2Page - Vishay Siliconix VX201700CHM3/P Datasheet HTML 3Page - Vishay Siliconix VX201700CHM3/P Datasheet HTML 4Page - Vishay Siliconix VX201700CHM3/P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VX20170C
www.vishay.com
Vishay General Semiconductor
Revision: 04-Nov-2020
1
Document Number: 87172
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier
Ultra Low VF = 0.58 V at IF = 5.0 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder bath temperature 275 °C maximum,
10 s per JESD 22-B106
• AEC-Q101 qualified available:
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection in commercial, industrial, and
automotive application.
MECHANICAL DATA
Case: TO-220AB
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
Mounting torque: 10 in-lbs maximum
Note
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RθJA
PRIMARY CHARACTERISTICS
IF(AV)
2 x 10 A
VRRM
170 V
IFSM
150 A
VF at IF = 10 A (TJ = 125 °C)
0.65 V
TJ max.
175 °C
Package
TO-220AB
Circuit configuration
Common cathode
3
2
1
TO-220AB
PIN 1
PIN 2
CASE
PIN 3
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VX20170C
UNIT
Maximum repetitive peak reverse voltage
VRRM
170
V
Maximum average forward rectified current
(fig. 1)
per device
IF(AV)
20
A
per diode
10
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Operating junction temperature range
TJ (1)
-40 to +175
°C
Storage temperature range
TSTG
-40 to +175


Similar Part No. - VX201700CHM3/P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VX20202C VISHAY-VX20202C Datasheet
126Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 5.0 A
04-Nov-2020
VX20202C-M3/P VISHAY-VX20202C-M3/P Datasheet
126Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 5.0 A
04-Nov-2020
VX20202CHM3/P VISHAY-VX20202CHM3/P Datasheet
126Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 5.0 A
04-Nov-2020
More results

Similar Description - VX201700CHM3/P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT5200 VISHAY-VT5200_15 Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
14-Aug-13
V30100PW-M3 VISHAY-V30100PW-M3_15 Datasheet
87Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 8 A
20-Dec-13
VT30L60C-E3 VISHAY-VT30L60C-E3 Datasheet
134Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
15-Dec-16
VT4060C-E3 VISHAY-VT4060C-E3 Datasheet
134Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
15-Dec-16
VT5200-E3 VISHAY-VT5200-E3 Datasheet
146Kb / 6P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
12-Dec-16
VT10200C-M3 VISHAY-VT10200C-M3 Datasheet
158Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
01-Dec-16
V20M120M-E3 VISHAY-V20M120M-E3 Datasheet
98Kb / 4P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 5 A
11-May-16
VB20150C-M3 VISHAY-VB20150C-M3 Datasheet
89Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5.0 A
30-Aug-13
VB30150C-M3 VISHAY-VB30150C-M3 Datasheet
87Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.56 V at IF = 5.0 A
22-May-13
VBT4060C-M3 VISHAY-VBT4060C-M3 Datasheet
88Kb / 4P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
03-Jan-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com