Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6ESRFC3 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 6ESRFC3
Description  Corcom SR Series Power Inlet Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6ESRFC3 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  6ESRFC3 Datasheet HTML 1Page - TE Connectivity Ltd 6ESRFC3 Datasheet HTML 2Page - TE Connectivity Ltd 6ESRFC3 Datasheet HTML 3Page - TE Connectivity Ltd 6ESRFC3 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6 E SR M — P
Rear Connector Styles
2 - .187 [4.8] spade terminals
3 – .250 [6.3] spade terminals
P – PC board pins
(fits .063 [1.6] hole)
Mounting Style
C - Snap-in
— - Flange
Front Connector Style
M - Male
15A = IEC 60320-1 C14
20A = IEC 60320-1 C-20
F - Female
15A = IEC 60320-1 C13
SR Series
Leakage Current
E – Low leakage (<0.5 mA)
Current Rating*
6 - 15A max.
20 - 20A max.
ORDERING INFORMATION
corcom.com
Corcom SR Series Power Inlet Connectors
TE Connectivity
KEY FEATURES
•New 20A Version
•Snap-in and Flange Mounting
Options
•Operating Voltage 120/250 VAC
•UL Recognized and CSA Certified
for 20A at 125V
•VDE Approved for 16A at 250VAC
SPECIFICATIONS
Rated Current
6ESR Models
20ESR Models
15A Max.
20A Max.
Temperature Rating:
65°C for “cold” connections
Insulator:
Thermoplastic UL 94V-0 flame rating
Prongs:
Solid brass, nickel plated
Terminals:
Brass, tin plated
PRODUCT OFFERING
CASE DIMENSIONS
STANDARDS AND SPECIFICATIONS
•
UL Recognized
•
CSA Certified
•
VDE Approved
*15A versions are VDE approved at 10A, 250VAC.
20A versions are VDE approved at 16A, 250VAC
Type
Male Connector Part No.
Female Connector Part No.
PC Pins
6ESRM-P
-
15A (max.) Snap-In
6ESRMC2
6ESRFC3
15A (max.) Flange Mount
6ESRM-3
6ESRF-3
20A (max.) Snap-In
20ESRMC2
-
20A (max.) Flange Mount
20ESRM-3
-
Part No.
A
B
C
D
E
(max)
+.017 / -.006
(max)
(max)
(max)
+.43 / -.15
6ESRM-P
1.96
1.575
1.094
1.118
.807
49.8
40.0
27.8
28.39
20.5
6ESRMC2
1.182
-
.885
-
1.192
30.0
-
22.5
-
30.3
6ESRFC3
1.39
-
1.09
-
1.496
35.5
-
27.8
-
38.0
6ESRM-3
1.96
1.575
.885
1.19
1.275
49.8
40.0
22.5
30.23
32.4
6ESRF-3
1.953
1.575
1.133
-
1.496
49.6
40.0
28.8
-
38.0
20ESRMC2
1.377
.921
1.06
-
-
35.0
23.4
27.0
-
-
20ESRM-3
2.087
1.653
.999
-
1.318
53.0
42.0
25.4
-
33.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com