Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6ESRFC3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 6ESRFC3
Description  Corcom SR Series Power Inlet Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6ESRFC3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  6ESRFC3 Datasheet HTML 1Page - TE Connectivity Ltd 6ESRFC3 Datasheet HTML 2Page - TE Connectivity Ltd 6ESRFC3 Datasheet HTML 3Page - TE Connectivity Ltd 6ESRFC3 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
corcom.com
Corcom SR Series Power Inlet Connectors
TE Connectivity
6ESRM-P
C
AB
D
E
.094
2.39
.125
3.17
1.575
40.00
1.575
40.00
.593
15.06
.343
8.71
*
*
*
.094
2.39
*
+.005 -.000
+.127 -.000
*
.719
18.26
.188
4.78
.380
9.65
.360
9.14
.360
9.14
.136
3.45 Dia.
.064
1.63 Dia.
.134
3.40 Dia.
R
Cutout
1.190
30.25
*
.232
5.9
.885
22.48
*
Pin Layout
6ESRMC2
E
C
A
.1259
3.2
.197
5.0 R
1.079
27.4
.779
19.8
Cutout
6ESRFC3
E
C
A
.102
2.6
.157
4.0 R
1.272
32.26
.975
24.77
Cutout
6ESRM-3
.134
3.4 Dia.
E
D
AB
C
R
Cutout
G
H
.134
3.4 Dia.
6ESRMC2
E
.102
2.6
C
AB
Dia.
Dia.
R
Cutout
1.272
32.26
.976
24.77
.
256
6.5
.134
3.4
.134
3.4
20ESRMC2
B
.1259
3.2
C
A
.177
4.5 R
1.27
32.30
.956
24.30
Cutout
20ESRM-3
AB
C
.137
3.4 Dia.
Cutout
.134
3.4 Dia.
.177
4.5 R
1.27
32.30
.956
24.30
E
.205
5.2
15A Inlets
20A Inlets
CASE STYLES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com